Electronic Components Datasheet Search
  English  ▼

X  

BS107PSTZ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BS107PSTZ
Description  Qualified to AEC-Q101 Standards for High Reliability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BS107PSTZ Datasheet(HTML) 2 Page - Diodes Incorporated

  BS107PSTZ Datasheet HTML 1Page - Diodes Incorporated BS107PSTZ Datasheet HTML 2Page - Diodes Incorporated BS107PSTZ Datasheet HTML 3Page - Diodes Incorporated BS107PSTZ Datasheet HTML 4Page - Diodes Incorporated BS107PSTZ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BS107P
Document Number DS33012 Rev. 3 - 2
2 of 5
www.diodes.com
May 2015
© Diodes Incorporated
BS107P
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
200
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
120
mA
Pulsed Drain Current
IDM
2
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
500
mW
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
200
°C/W
Thermal Resistance, Junction to Leads
(Note 6)
RθJL
71
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. For a through-hole device mounted on the minimum recommended pad layout with 12mm lead length from the bottom of package to the single-sided
FR-4 PCB; device is measured under still air conditions whilst operating in a steady-state.
6. Thermal resistance from junction to solder-point at the seating plane (2.5mm from the bottom of package along the drain lead).
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
200
230
V
ID = 100µA, VGS = 0V
Zero Gate Voltage Drain Current
IDSS
30
nA
VDS = 130V, VGS = 0V
Drain Cut-Off Current
IDSX
1
µA
VDS = 70V, VGS = 0.2V
Gate-Source Leakage
IGSS
±10
nA
VGS = 15V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
1.0
3.0
V
ID = 1mA, VDS = VGS
Static Drain-Source On-Resistance (Note 7)
RDS(ON)
15
23
Ω
VGS = 2.6V, ID = 25mA
30
VGS = 5V, ID = 100mA
Forward Transconductance (Notes 7 & 9)
gfs
100
mS
VDS = 25V, ID = 250mA
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
85
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
20
Reverse Transfer Capacitance
Crss
7
Turn-On Delay Time (Note 8)
tD(ON)
7
ns
VDD = 25V, ID = 250mA
Turn-On Rise Time (Note 8)
tR
8
Turn-Off Delay Time (Note 8)
tD(OFF)
16
Turn-Off Fall Time (Note 8)
tF
8
Notes:
7. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%.
8. Switching characteristics are independent of operating junction temperature. Switching times are measured with 50
Ω source impedance and
<5ns rise time on a pulse generator.
9. For design aid only, not subject to production testing.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com