Electronic Components Datasheet Search
  English  ▼

X  

ICS1702MT Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ICS1702MT
Description  QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1702MT Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ICS1702MT Datasheet HTML 18Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 19Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 20Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 21Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 22Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 23Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 24Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 25Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
ICS1702
Charging System Status by Indicator
The Indicator Description List in Table 3 contains displays that are
caused by charging system abnormalities. When the CMN
indicator is flashing with no other indicator active, there is voltage
present at the battery terminals with the current source off and no
battery. Check the current source and ensure that it produces no
more than the equivalent of 350mV/cell when turned off with no
battery. If the VIN divider resistors were not properly selected, an
open circuit voltage that is actually less than the equivalent of
350mV/cell with the charger off and no battery will not divide
down this open circuit voltage properly and produce the CMN
flash indication. Check the VIN divider and ensure that it properly
normalizes the battery voltage to the electrochemical potential of
about 1.2V cell. If the CMN flash indication occurs with the
battery installed, then the constant current source is producing
more than the equivalent of 350mV/cell when off and there is an
open connection between the charger terminals and the battery.
Check wires, connections, battery terminals, and the battery itself
for an open circuit condition.
If the CMN and OTN indicators are active together, this is an
indication that the battery temperature has dropped to below 10
°C
after a fast charge was initiated with the battery temperature
normal. If this condition is observed and the battery temperature
did not drop after high charge was initiated, check the thermistor
circuit mechanically for poor contact and electrically for excessive
noise.
If the MMN and CMN indicators are alternately flashing, the likely
cause is no battery with the ICS1702 programmed in the
discharge-to-charge auxiliary mode. If the battery is present, check
wires, connectors, battery terminals, and the battery itself for an
open circuit condition.
If the MMN indicator is flashing with the OTN indicator active,
this is an indication that the battery is cold while in either the
discharge portion of the discharge-to-charge mode or the discharge
only mode. When in the discharge-to-charge mode, if the battery
does not warm-up into the normal temperature range after the
discharge is complete, the ICS1702 will enter the maintenance
charge stage. When the battery warms-up, the discharge-to-charge
mode will repeat.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com