Electronic Components Datasheet Search
  English  ▼

X  

HT-40 Datasheet(PDF) 1 Page - Teccor Electronics

Part # HT-40
Description  Bilateral Trigger Diacs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

HT-40 Datasheet(HTML) 1 Page - Teccor Electronics

  HT-40 Datasheet HTML 1Page - Teccor Electronics HT-40 Datasheet HTML 2Page - Teccor Electronics HT-40 Datasheet HTML 3Page - Teccor Electronics HT-40 Datasheet HTML 4Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Teccor Electronics
http://www.teccor.com
+1 972-580-7777
8 - 1
Thyristor Product Catalog
Bilateral Trigger Diacs
HT and ST Series
8
General Description
Teccor’s "HT" and "ST" Series of bilateral trigger diacs offers a
range of voltage characteristics from 27 to 70 volts.
The diac semiconductor is a full-wave or bidirectional thyristor. It
is triggered from a blocking-to-conduction state for either polarity
of applied voltage whenever the amplitude of applied voltage
exceeds the breakover voltage rating of the diac.
The Teccor line of diacs features glass-passivated junctions to
ensure long term device reliability and parameter stability.
Teccor’s glass offers a rugged, reliable barrier against junction
contamination.
The diac specifications listed in this data sheet are for standard
products. Special parameter selections such as close tolerance
voltage symmetry are available. Please consult the factory for
more information for custom design applications. Suffix RP
signifies tape-and-reel packing. Example: HT32RP.
Features
•
Glass passivated junctions
•
Wide voltage range selections
"ST" Series
•
Epoxy SMT package
•
High temperature solder bonded die attachment
"HT" Series
•
DO-35 trigger package
•
Pre-tinned leads
8
DO-214AA
DO-35


Similar Part No. - HT-40

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
HT-4-SMA MINI-HT-4-SMA Datasheet
255Kb / 1P
SMA Wrench
HT-4-SMA MINI-HT-4-SMA Datasheet
266Kb / 1P
SMA Wrench
logo
Gilway Technical Lamp
HT-456 GILWAY-HT-456 Datasheet
108Kb / 2P
Commercial Grade Lampholders
More results

Similar Description - HT-40

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6407 NTE-NTE6407 Datasheet
18Kb / 2P
Bilateral Trigger Diodes (DIACS)
logo
EIC discrete Semiconduc...
D32P EIC-D32P Datasheet
26Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
logo
SEMTECH ELECTRONICS LTD...
LSDB3 SEMTECH_ELEC-LSDB3 Datasheet
168Kb / 1P
SILICON BIDIRECTIONAL DIACS
logo
Galaxy Semi-Conductor H...
DB3M BILIN-DB3M Datasheet
76Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Diode Semiconductor Kor...
DB3 DSK-DB3 Datasheet
333Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
New Jersey Semi-Conduct...
D32P NJSEMI-D32P Datasheet
82Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
logo
EIC discrete Semiconduc...
D32 EIC-D32 Datasheet
112Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
Rev. 01 : March 03, 2021
D32P EIC-D32P_V01 Datasheet
51Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
Rev. 03 : June 15, 2009
SD32 EIC-SD32 Datasheet
57Kb / 1P
SURFACE MOUNT DIACS - BI-DIRECTIONAL TRIGGER
Rev. 02 : March 25, 2005
logo
List of Unclassifed Man...
ECG6407 ETC-ECG6407 Datasheet
113Kb / 1P
Bilateral Trigger Diodes / Bidirectiomal Diode Thyristors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com