Electronic Components Datasheet Search
  English  ▼

X  

AT-B5 Datasheet(PDF) 1 Page - LEM

Part # AT-B5
Description  AC Current transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

AT-B5 Datasheet(HTML) 1 Page - LEM

  AT-B5 Datasheet HTML 1Page - LEM AT-B5 Datasheet HTML 2Page - LEM AT-B5 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
090609/6
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Page 1/3
I
PN = 5 .. 150 A
Features
RMS (average) output
●
0-5V DC voltage output
●
Split-core type
●
Ø 16 mm sensing aperture for
●
non-contact measurement
Terminal output
●
Isolated plastic case recognized
●
according to UL 94-V0.
Advantages
High isolation between primary
●
and secondary circuits
Compact case
●
Cost-effective solution
●
Easy installation
●
Applications
Automation and Supervision
●
Current measurement for process
regulation by distributed PLCs
or remote control (e.g. SCADA
software)
Safety and Condition
●
Monitoring
Load monitoring for protection
systems and predictive
maintenance (e.g. conveyers,
pumps or HVAC motors)
Application domain
Energy and Automation
●
Electrical data
Primary nominal current rms
Output voltage
Type
I
PN (A.t.Rms)
V
OUT (V DC)
5
0-5
AT 5 B5
10
0-5
AT 10 B5
20
0-5
AT 20 B5
50
0-5
AT 50 B5
100
0-5
AT 100 B5
150
0-5
AT 150 B5
R
L
Load resistance
≥
1
MW
V
C
Supply voltage
self-powered
V
SZ
Output clamping voltage
7.5
V
Î
P
Overload capability - continuous
120
% of
I
PN
- 1 min
150
% of
I
PN
Performance data
X
Accuracy @
I
PN, TA = 25°C (excluding offset)
< ± 2
% of
I
PN
ε
L
Linearity error
< ± 0.5
%
t
r
Response time to 90% of
I
P step
< 300
m s
BW
Frequency bandwidth
50/60
Hz
General data
T
A
Ambient operating temperature
- 20 .. + 60 °C
T
S
Ambient storage temperature
- 20 .. + 85 °C
m
Mass
90
g
IPxx
Protection degree
IP40
AC Current transducer AT-B5
Split-core transducer for the electronic measurement of AC waveform
currents,withgalvanicisolationbetweentheprimarycircuit(power)andthe
secondary circuit (measurement). 0-5V DC voltage output proportional to
the RMS value of the primary current.
I
PN = 5 .. 150 A
Features
•
RMS (average) output
•
0-5V DC voltage output
•
Split-core type
•
Ø 16 mm sensing aperture for non-
contact measurement
•
Terminal output
•
Isolated plastic case recognized
according to UL 94-V0.
Advantages
•
High isolation between primary and
secondary circuits
•
Compact case
•
Cost-effective solution
•
Easy installation
Applications
• Automation and Supervision
Current measurement for process
regulation by distributed PLCs or
remote control (e.g. SCADA
software)
• Safety and Condition Monitoring
Load monitoring for protection
systems and predictive
maintenance (e.g. conveyers,
pumps or HVAC motors)
Application domain
•
Energy and Automation
071115/4
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 1/3
AC Current transducer AT-B5
Split-core transducer for the electronic measurement of AC waveform
currents, with galvanic isolation between the primary circuit (power)
and the secondary circuit (measurement). 0-5V DC voltage output
proportional to the RMS value of the primary current.
Electrical data
Primary nominal
Output voltage
Type
current rms
I
PN (A.t.Rms)
V
OUT (V DC)
5
0-5
AT 5 B5
10
0-5
AT 10 B5
20
0-5
AT 20 B5
50
0-5
AT 50 B5
100
0-5
AT 100 B5
150
0-5
AT 150 B5
R
L
Load resistance
≥ 1
MW
V
C
Supply voltage
self-powered
V
SZ
Output clamping voltage
7.5
V
Î
P
Overload capability - continuous
120
% of
I
PN
- 1 min
150
% of
I
PN
Performance data
X
Accuracy @
I
PN, TA = 25°C (excluding offset)
< ± 1.5
% of
I
PN
e
L
Linearity error
< ± 0.5
% of
I
PN
t
r
Response time to 90% of
I
PN step
< 300
ms
BW
Frequency bandwidth
50/60
Hz
General data
T
A
Ambient operating temperature
- 20 .. + 60
°C
T
S
Ambient storage temperature
- 20 .. + 85
°C
m
Mass
90
g
IPxx
Protection degree
IP40


Similar Part No. - AT-B5

ManufacturerPart #DatasheetDescription
logo
LEM
AT-B10 LEM-AT-B10 Datasheet
764Kb / 3P
AC Current transducer
AT-B420L LEM-AT-B420L Datasheet
646Kb / 3P
AC Current transducer
logo
AG Electronica
AT-B778 AGELECTRONICA-AT-B778 Datasheet
367Kb / 2P
PLUMA DE SUCCION AL VACIO PARA COMPONENTES SMD
24/MAY/2023
More results

Similar Description - AT-B5

ManufacturerPart #DatasheetDescription
logo
LEM
AK-B420L LEM-AK-B420L Datasheet
236Kb / 2P
AC Current transducer
AK-B- LEM-AK-B- Datasheet
202Kb / 2P
AC Current transducer
AK-C420L LEM-AK-C420L Datasheet
149Kb / 2P
AC Current transducer
AK-C- LEM-AK-C- Datasheet
92Kb / 2P
AC Current transducer
AKR-B420L LEM-AKR-B420L Datasheet
223Kb / 2P
AC Current transducer
AKR-C420L LEM-AKR-C420L Datasheet
127Kb / 2P
AC Current transducer
AP-B10 LEM-AP-B10_1 Datasheet
70Kb / 2P
AC Current transducer
APR-B420L LEM-APR-B420L_07 Datasheet
898Kb / 3P
AC Current transducer
APR-B10 LEM-APR-B10_08 Datasheet
1Mb / 4P
AC Current transducer
AT-B420L LEM-AT-B420L Datasheet
646Kb / 3P
AC Current transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com