Electronic Components Datasheet Search
  English  ▼

X  

JCS4N65B Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS4N65B
Description  High efficiency switch mode power supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS4N65B Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS4N65B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65B Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65B Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65B Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65B Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
R
版本:201506G
1/16
N 沟道增强型场效应晶体管
N-CHANNEL MOSFET
JCS4N65B
订 货 型 号
Order codes
印
记
Marking
封
装
Package
无卤素
Halogen
Free
包
装
Packaging
器件重量
Device
Weight
JCS4N65VB-O-V-N-B
JCS4N65VB
IPAK
否
NO
条管 Tube
0.35 g(typ)
JCS4N65VB-O-V1-N-B
JCS4N65VB
IPAK-S1
否
NO
条管 Tube
0.35 g(typ)
JCS4N65RB-O-R-N-A
JCS4N65RB
DPAK
否
NO
编带 Reel
0.30 g(typ)
JCS4N65RB-O-R-N-B
JCS4N65RB
DPAK
否
NO
条管 Tube
0.30 g(typ)
JCS4N65CB-O-C-N-B
JCS4N65CB
TO-220C
否
NO
条管 Tube
2.15 g(typ)
JCS4N65BB-O-B-N-B
JCS4N65BB
TO-262
否
NO
条管 Tube
1.71 g(typ)
JCS4N65SB-O-S-N-B
JCS4N65SB
TO-263
否
NO
条管 Tube
1.37 g(typ)
JCS4N65SB-O-S-N-A
JCS4N65SB
TO-263
否
NO
编带 Reel
1.37 g(typ)
JCS4N65FB-O-F-N-B
JCS4N65FB
TO-220MF
否
NO
条管 Tube
2.20 g(typ)
JCS4N65FB-O-F2-N-B
JCS4N65FB
TO-220MF-K2
否
NO
条管 Tube
2.20 g(typ)
封装 Package
主要参数
MAIN
CHARACTERISTICS
ID
4.0 A
VDSS
650 V
Rdson(Vgs=10V) 2.4Ω
Qg
13.3nC
用途
高频开关电源
电子镇流器
UPS 电源
APPLICATIONS
High efficiency switch
mode power supplies
Electronic lamp ballasts
based on half bridge
UPS
产品特性
低栅极电荷
低 C
rss (典型值 9pF)
开关速度快
产品全部经过雪崩测试
高抗 dv/dt 能力
RoHS 产品
FEATURES
Low gate charge
Low C
rss (typical 9pF )
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
订货信息 ORDER MESSAGE


Similar Part No. - JCS4N65B

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS4N65BC-O-B-N-B JSMC-JCS4N65BC-O-B-N-B Datasheet
1Mb / 15P
LED power supply
JCS4N65BE-O-B-N-B JSMC-JCS4N65BE-O-B-N-B Datasheet
996Kb / 16P
LED power supply
JCS4N65BE-R-B-N-B JSMC-JCS4N65BE-R-B-N-B Datasheet
996Kb / 16P
LED power supply
More results

Similar Description - JCS4N65B

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU6Z8R RUICHIPS-RU6Z8R Datasheet
468Kb / 9P
High efficiency switch mode power supplies
RU6Z5R RUICHIPS-RU6Z5R Datasheet
465Kb / 9P
High efficiency switch mode power supplies
logo
JILIN SINO-MICROELECTRO...
JCS1HN65C JSMC-JCS1HN65C Datasheet
422Kb / 9P
High efficiency switch mode power supplies
JCS3N65VC JSMC-JCS3N65VC Datasheet
379Kb / 8P
High efficiency switch mode power supplies
JCS9N90WT JSMC-JCS9N90WT Datasheet
910Kb / 8P
High efficiency switch mode power supplies
JCS11N90WT JSMC-JCS11N90WT Datasheet
877Kb / 8P
High efficiency switch mode power supplies
JCS15N65H JSMC-JCS15N65H Datasheet
1Mb / 9P
High efficiency switch mode power supplies
JCS20N60ANH JSMC-JCS20N60ANH Datasheet
895Kb / 8P
High efficiency switch mode power supplies
JCS20N60CAH JSMC-JCS20N60CAH Datasheet
845Kb / 8P
High efficiency switch mode power supplies
JCS20N60WH JSMC-JCS20N60WH Datasheet
889Kb / 8P
High efficiency switch mode power supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com