Electronic Components Datasheet Search
  English  ▼

X  

ISP1160BD Datasheet(PDF) 42 Page - NXP Semiconductors

Part # ISP1160BD
Description  Embedded Universal Serial Bus Host Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1160BD Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button ISP1160BD Datasheet HTML 38Page - NXP Semiconductors ISP1160BD Datasheet HTML 39Page - NXP Semiconductors ISP1160BD Datasheet HTML 40Page - NXP Semiconductors ISP1160BD Datasheet HTML 41Page - NXP Semiconductors ISP1160BD Datasheet HTML 42Page - NXP Semiconductors ISP1160BD Datasheet HTML 43Page - NXP Semiconductors ISP1160BD Datasheet HTML 44Page - NXP Semiconductors ISP1160BD Datasheet HTML 45Page - NXP Semiconductors ISP1160BD Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
Philips Semiconductors
ISP1160
Embedded USB Host Controller
Product data
Rev. 04 — 04 July 2003
42 of 88
9397 750 11371
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
10.1.5
HcInterruptEnable register (R/W: 04H/84H)
Each enable bit in the HcInterruptEnable register corresponds to an associated
interrupt bit in the HcInterruptStatus register. The HcInterruptEnable register is used
to control which events generate a hardware interrupt. A hardware interrupt is
requested on the host bus when three conditions occur:
• A bit is set in the HcInterruptStatus register
• The corresponding bit in the HcInterruptEnable register is set
• Bit MasterInterruptEnable is set.
Writing a logic 1 to a bit in this register sets the corresponding bit, whereas writing a
logic 0 to a bit in this register leaves the corresponding bit unchanged. On a read, the
current value of this register is returned.
Code (Hex): 04 — read
Code (Hex): 84 — write
Table 16:
HcInterruptEnable register: bit allocation
Bit
31
30
29
28
27
26
25
24
Symbol
MIE
reserved
Reset
00000000
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
23
22
21
20
19
18
17
16
Symbol
reserved
Reset
00000000
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
15
14
13
12
11
10
9
8
Symbol
reserved
Reset
00000000
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
RHSC
FNO
UE
RD
SF
reserved
SO
Reset
00000000
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com