Electronic Components Datasheet Search
  English  ▼

X  

DHR200C10 Datasheet(PDF) 2 Page - LEM

Part # DHR200C10
Description  AC/DC Current Transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DHR200C10 Datasheet(HTML) 2 Page - LEM

  DHR200C10 Datasheet HTML 1Page - LEM DHR200C10 Datasheet HTML 2Page - LEM DHR200C10 Datasheet HTML 3Page - LEM DHR200C10 Datasheet HTML 4Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
120426/20
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Page 2/4
Current Transducer DHR-C10
Isolation characteristics
V
b
Rated isolation voltage rms 3)
300
V
according to the standard IEC 61010-1 and with the following conditions:
- Reinforced isolation
- Over voltage category CAT III
- Pollution degree PD2
- Heterogeneous field
V
d
Rms voltage for AC isolation test 4), 50 Hz, 1min
4.0
kV
V
w
Impulse withstand voltage 4), 1.2/50 uS
7.3
kV
dCp
Creepage distance
7.2
mm
dCl
Clearance distance
7.2
mm
CTI
Comparative tracking index (Group I)
> 600
Notes :3) Between primary conductor voltage and ground. The voltage category
could be improved according to the insulation characteristic given by
the cable manufacturer. The UL 508 Standard for Safety for Industrial
Control Equipment requires that only insulated conductors are used as
primary circuit with this transducer.
4)
Between primary (completely filling the aperture) and secondary.
Transfer characteristics
Output in V
10
0
+Ipn
-Ipn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com