Electronic Components Datasheet Search
  English  ▼

X  

HAC200-S Datasheet(PDF) 2 Page - LEM

Part # HAC200-S
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAC200-S Datasheet(HTML) 2 Page - LEM

  HAC200-S Datasheet HTML 1Page - LEM HAC200-S Datasheet HTML 2Page - LEM HAC200-S Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
081127/9
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Page 2/3
Current Transducer HAC 100..800-S
Isolation characteristics
V
d
Rms voltage for AC isolation test, 50 Hz, 1 min
2.5 3)
kV
dCp
Creepage distance
> 5.5
mm
dCI
Clearance distance
> 5.5
mm
CTI
Comparative Tracking Index (group IIIa)
> 220
Applications examples
According to EN 50178 and CEI 61010-1 standards and following conditions:
Over voltage category OV 3
●
Pollution degree PD2
●
Non-uniform field
●
Note: 3)Between primary and secondary
Safety
This transducer must be used in electric/electronic equipment with respect
to applicable standards and safety requirements in accordance with the
manufacturer’s operating instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module can carry hazardous
voltage (eg. primary busbar, power supply).
Ignoring this warning can lead to injury and/or cause serious damage.
This transducer is a built-in device, whose conducting parts must be inaccessible
after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.
EN 50178
CEI 61010-1
dCp, dCI,
Rated isolation voltage
Nominal voltage
Single isolation
500 V
Cat III 500 V rms
Reinforced isolation
150 V
Cat III 250 V rms
V
w



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com