Electronic Components Datasheet Search
  English  ▼

X  

20N120C Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 20N120C
Description  General purpose inverters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

20N120C Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  20N120C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 20N120C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 20N120C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 20N120C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 20N120C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 20N120C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 20N120C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. 20N120C Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. 20N120C Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
R
JT020N120WCD/ABCD/20N120C
版本:201412B
4/9
电特性 ELECTRICAL CHARACTERISTICS
开关特性 Switching Characteristics
延迟时间 Turn-On delay time
td(on)
VCE=600V,IC=20A,RG=56Ω
TC=25℃ Inductive Load
-
85
ns
上升时间 Turn-On rise time
tr
-
180
ns
延迟时间 Turn-Off delay time
td(off)
-
360
ns
下降时间 Turn-Off Fall time
tf
-
100
ns
Turn-on energy
Eon
1.8
mJ
Turn-off energy
Eoff
1.1
mJ
Total switching energy
Etotal
2.9
mJ
栅极电荷总量 Total Gate Charge Qg
VCE =600V ,
IC=20A
VGE=15V
(note 3,4)
-
120
nC
反并联二极管特性及最大额定值 Anti-Parallel Diode Characteristics and Maximum Ratings
正向压降
Drain-Source Diode Forward
Voltage
VF
VGS=0V,
IS=20A
-
-
2.9
V
反向恢复时间
Diode Reverse recovery time
trr
VGE=0V, VR=800V IS=20A
dIF/dt=750A/μs
(note 4)
-
150
-
ns
反向恢复电荷
Reverse recovery charge
Qrr
-
1.2
-
μC
热特性 THERMAL CHARACTERISTIC
项
目
Parameter
符
号
Symbol
最大
Max
单 位
Unit
结到管壳的热阻
Thermal Resistance, Junction to Case
Rth(j-c)
0.35
℃/W
结到环境的热阻
Thermal Resistance, Junction to
Ambient
Rth(j-A)
40
℃/W
注释:
1:脉冲宽度由最高结温限制
2:两次短路之间的间隔大于 1 秒时,允许短路测试
的次数最大为 1000 次
3:脉冲测试:脉冲宽度
≤300μs,占空比≤2%
4:基本与工作温度无关
Notes:
1:Pulse width limited by maximum junction temperature
2:Allowed number of short circuits: <1000; time
between short circuits: >1s.
3:Pulse Test:
Pulse Width ≤300μs,Duty Cycle≤2%
4:Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com