Electronic Components Datasheet Search
  English  ▼

X  

SBL1045G Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # SBL1045G
Description  Low voltage, high frequency rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

SBL1045G Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  SBL1045G Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1045G Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1045G Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1045G Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1045G Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1045G Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本(Rev.):201505E
1/6
肖特基势垒二极管
SCHOTTKY BARRIER DIODE
SBL1045
订 货 型 号
Order codes
印
记
Marking
封
装
Package
无卤素
Halogen Free
包
装
Packaging
器件重量
Device Weight
SBL1045G
SBL1045
SMP
否
NO
编带 Tape
0.09 (approx.)
SBL1045GR
SBL1045
SMP
是
YES
编带 Tape
0.09(approx.)
主要参数
MAIN
CHARACTERISTICS
IF(AV)
10A
VRRM
45 V
Tj
150 ℃
IFSM
180 A
VF(max)
0.45V (@Tj=125℃)
封装 Package
SMP
产品特性
贴片结构
低功耗,高效率
良好的高温特性
有过压保护环,高可靠性
环保(RoHS)产品
FEATURES
Patch type Rectifier
Low power loss, high efficiency
High Operating Junction
Temperature
Guard ring for overvoltage
protection,High reliability
RoHS product
订货信息 ORDER MESSAGE
用途
低压、高频整流
低压续流电路和保护电
路
太阳能电池接线盒旁路
二极管
APPLICATIONS
Low voltage, high frequency
rectifier
Free wheeling diodes,polarity
protection applications
solar cell junction box as a
bypass diode


Similar Part No. - SBL1045G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SBL1045G-TA3-T UTC-SBL1045G-TA3-T Datasheet
156Kb / 3P
Low forward voltage drop
SBL1045G-TF3-T UTC-SBL1045G-TF3-T Datasheet
156Kb / 3P
Low forward voltage drop
More results

Similar Description - SBL1045G

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GB330 GTM-GB330 Datasheet
210Kb / 3P
Low Voltage, High Frequency Inverter,
GBG640CT GTM-GBG640CT Datasheet
181Kb / 3P
low voltage, high frequency inverter,
GBG1040 GTM-GBG1040 Datasheet
195Kb / 3P
low voltage, high frequency inverter,
logo
Hitachi Semiconductor
2SB648 HITACHI-2SB648 Datasheet
349Kb / 2P
LOW FREQUENCY HIGH VOLTAGE AMPLIFIER
logo
Sanken electric
UX-A5B SANKEN-UX-A5B Datasheet
194Kb / 5P
High Frequency and High Voltage Rectifier Diode
UX-F5B SANKEN-UX-F5B Datasheet
280Kb / 6P
High Frequency and High Voltage Rectifier Diode
UX-G5B SANKEN-UX-G5B Datasheet
281Kb / 6P
High Frequency and High Voltage Rectifier Diode
logo
JILIN SINO-MICROELECTRO...
HBR560 JSMC-HBR560 Datasheet
212Kb / 5P
Low voltage, high frequency rectifier
HBR2150 JSMC-HBR2150 Datasheet
409Kb / 7P
Low voltage, high frequency rectifier
HBR5100U JSMC-HBR5100U Datasheet
395Kb / 5P
Low voltage, high frequency rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com