Electronic Components Datasheet Search
  English  ▼

X  

L1087C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L1087C
Description  0.8A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L1087C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L1087C Datasheet HTML 1Page - List of Unclassifed Manufacturers L1087C Datasheet HTML 2Page - List of Unclassifed Manufacturers L1087C Datasheet HTML 3Page - List of Unclassifed Manufacturers L1087C Datasheet HTML 4Page - List of Unclassifed Manufacturers L1087C Datasheet HTML 5Page - List of Unclassifed Manufacturers L1087C Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
L1087 Series
SOT-89,TO-92
AUG-30-2001
0.8A Fixed and Adjustable Low Dropout
Linear Regulator (LDO)
NIKO-SEM
ABSOLUTE MAXIMUM RATINGS
Maximum Supply Voltage
15V*
Operating Junction
Temperature Range
0 to 125 °C
Power Dissipation
Internally
Limited
Storage Temperature
Range
-40 to 150 °C
Thermal Resistance
Junction to Case,
θJC
18 °C/W
Lead Temperature
(Soldering, 10 Seconds)
260 °C
Thermal Resistance
Junction to Ambient,
θJA
160 °C/W
* When considering short circuits to ground, the maximum input-to-output differential voltage shall not be allowed
greater than approximate 2~3V at values of supply voltage in excess of 10V, continuous short-circuits can exceed
the power dissipation ratings and cause eventual destruction.
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, TA = 25 °C)
Parameter
Symbol
Test Conditions
Typical
Limits
Reference Voltage
(Adjustable version)
VREF
VIN = 5V, IOUT = 10mA
1.25V
1.23VMin
1.27VMax
Output Voltage
(Fixed version)
VO
VIN = 5V, IOUT = 10mA
VO
0.98VO(Min)
1.02VO(Max)
Dropout Voltage
VD
ΔVREF = 1%, IOUT = 0.8A
1.2V
1.45V
Line Regulation
REG(LINE) (VOUT + 1.5V)
≤ VIN ≤ 15V, IOUT = 10mA 0.5%
2%
Load Regulation
REG(LOAD) (VIN -VOUT) = 2V, 10mA
≤ IOUT ≤ 0.8A
0.5%
2.5%
Minimum Load
Current
IO
1.5V
≤ (VIN -VOUT) ≤ 5.75V
10mA
Adjust Pin Current
IADJ
55
µA
100
µA
Current Limit
ICL
VIN - VOUT = 2V
1.2A
0.9A (Min)
RMS Output Noise
VN
0.003%
of VOUT
Ripple Rejection
Ratio
RA
f = 120Hz, CADJ = 22
µF for ADJ pin,
VIN = 5V, IOUT = 0.8A
72dB
60dB (Min)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com