Electronic Components Datasheet Search
  English  ▼

X  

COP888XG Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888XG
Description  8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888XG Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button COP888XG Datasheet HTML 2Page - National Semiconductor (TI) COP888XG Datasheet HTML 3Page - National Semiconductor (TI) COP888XG Datasheet HTML 4Page - National Semiconductor (TI) COP888XG Datasheet HTML 5Page - National Semiconductor (TI) COP888XG Datasheet HTML 6Page - National Semiconductor (TI) COP888XG Datasheet HTML 7Page - National Semiconductor (TI) COP888XG Datasheet HTML 8Page - National Semiconductor (TI) COP888XG Datasheet HTML 9Page - National Semiconductor (TI) COP888XG Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
DC Electrical Characteristics 98xEG and 98xCS: (Continued)
0˚C
≤ T
A ≤ +70˚C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
TRI-STATE Leakage
V
CC = 6.0V
−1
+1
µA
Allowable Sink/Source
Current per Pin
D Outputs (Sink)
15
mA
All others
3mA
Maximum Input Current
without Latchup (Notes 9, 10)
T
A = 25˚
±100
mA
RAM Retention Voltage, V
r
500 ns Rise and Fall Time (min)
2
V
Input Capacitance
7pF
Load Capacitance on D2
1000
pF
AC Electrical Characteristics 98xEG and 98xCS:
0˚C
≤ T
A ≤ +70˚C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (t
c)
Crystal, Resonator
4V
≤ V
CC ≤ 6.0V
2.5
DC
µs
2.5V
≤ V
CC < 4V
1.0
DC
µs
R/C Oscillator
4V
≤ V
CC ≤ 6.0V
7.5
DC
µs
2.5V
≤ V
CC < 4V
3.0
DC
µs
Inputs
t
SETUP
4V
≤ V
CC ≤ 6.0V
200
ns
2.5V
≤ V
CC < 4V
500
ns
t
HOLD
4V
≤ V
CC ≤ 6.0V
60
ns
2.5V
≤ V
CC < 4V
150
ns
Output Propagation Delay
R
L = 2.2k, CL = 100 pF
t
PD1,tPD0
SO, SK
4V
≤ V
CC ≤ 6.0V
0.7
µs
2.5V
≤ V
CC < 4V
1.75
µs
All Others
4V
≤ V
CC ≤ 6.0V
1
µs
2.5V
≤ V
CC < 4V
2.5
µs
MICROWIRE Setup Time (t
UWS) (Note 10)
20
ns
MICROWIRE Hold Time (t
UWH) (Note 10)
56
ns
MICROWIRE Output Propagation Delay (t
UPD)
220
ns
Input Pulse Width (Note 11)
Interrupt Input High Time
1
t
c
Interrupt Input Low Time
1
t
c
Timer 1, 2, 3 Input High Time
1
t
c
Timer 1, 2, 3 Input Low Time
1
t
c
Reset Pulse Width
1
µs
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com