Electronic Components Datasheet Search
  English  ▼

X  

T0810NUP Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # T0810NUP
Description  AC switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

T0810NUP Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  T0810NUP Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. T0810NUP Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. T0810NUP Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. T0810NUP Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. T0810NUP Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. T0810NUP Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本:201506A
1/6
双向晶闸管
TRIACS
T0810NUP
主要参数
MAIN CHARACTERISTICS
IT(RMS)
8A
VDRM
800V
IGT
15mA
用途
APPLICATIONS
交流开关
AC switching
相位控制
Phase control
产品特性
FEATURES
平面工艺芯片,高
可靠性和一致性
The planar process chip
for reliability and uniform
三象限可控硅,触
发电流的一致性
好
Uniform gate trigger
currents in three
quadrants
环保 RoHS 产品
RoHS products
封装 Package
序号
Pin
引线名称
Description
1
主电极 1
MT1
2
主电极 2
MT2
3
门极
G
订货信息 ORDER MESSAGES
订 货 型 号
Order code
印
记
Marking
封
装
Package
包
装
Packaging
T0810NUP-O-U-N-A
T0810NFP
D-PAK
编带 Tape
DPAK


Similar Part No. - T0810NUP

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
T0810H JIEJIE-T0810H Datasheet
405Kb / 6P
JIEJIE MICROELECTRONICS CO. , Ltd
Rev.3.0
More results

Similar Description - T0810NUP

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3CT1S JSMC-3CT1S Datasheet
195Kb / 5P
AC switching
3CT4S JSMC-3CT4S Datasheet
412Kb / 8P
AC switching
3CT25S JSMC-3CT25S Datasheet
343Kb / 9P
AC switching
3FT1N2 JSMC-3FT1N2 Datasheet
317Kb / 7P
AC switching
3FT1T1 JSMC-3FT1T1 Datasheet
264Kb / 5P
AC switching
3FT4C JSMC-3FT4C Datasheet
289Kb / 9P
AC switching
BT131 JSMC-BT131 Datasheet
313Kb / 6P
AC switching
BT137 JSMC-BT137 Datasheet
301Kb / 7P
AC switching
MAC97A6 JSMC-MAC97A6 Datasheet
262Kb / 5P
AC switching
T0435NU JSMC-T0435NU Datasheet
287Kb / 6P
AC switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com