Electronic Components Datasheet Search
  English  ▼

X  

SCR8836 Datasheet(PDF) 1 Page - Bud Industries, Inc.

Part # SCR8836
Description  SEISMIC RACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.

SCR8836 Datasheet(HTML) 1 Page - Bud Industries, Inc.

  SCR8836 Datasheet HTML 1Page - Bud Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6.031
18.000
36.000
36.000
18.000
RIGHT SIDE VIEW
REAR VIEW
2.547
2.547
78.968
26.062
84.062
17.936 MIN.
18.312
20.062
3.000
A
A
FRONT VIEW
32.750
21.195
8.281 TYP.
7.750 TYP.
12.625 TYP.
5.031 TYP.
4.063
4 PLCS
B
VENTED TOP FOR EXHAUST FANS
TOP VIEW
26.500
3.125
1.656
22.750
32.750
.562
4 PLCS
9.561 SQUARE CUTOUT
BOTTOM VIEW
2.750
2.750
2.750
2.750
2.750
4.656
18.000
36.000
36.000
18.000
SECTION A-A
EQUIPMENT LOAD RATING: 1200 LBS. MAX., BELCORE ZONE 4
FRAME ASSEMBLY COMPONENTS:
TOP, BOTTOM & RAIL SUPPORTS________14 GA. STEEL
CORNER RAILS, SUPPORT CHANNELS,
& PANEL MOUNTING RAILS_____________12 GA. STEEL
BOTTOM ANGLES______________________11 GA. STEEL
SIDES, DOOR ASSEMBLY
& DOOR STIFFENER_____(NOT SHOWN)____18 GA. STEEL
BLACK TEXTURE
MATERIAL:
FINISH:
SOLID STEEL SIDES_________(SCS-8846)
SOLID STEEL DOORS_______(SCD-8866)
PLEXIGLAS DOORS________(SCD-8876)
ANCHOR KIT______________(AK-8850)
10" EXHAUST FAN__________(FN-1282)
4.5" EXHAUST FAN_________(FN-1280)
OPTIONAL ACCESSORIES:
4.125
4.125
2.063
2.063
.180 (8 HOLES)
ABOUT
9.688 CIRCLE
DETAIL B
PART
NAME
1200# SEISMIC RACK
SCR-8836
REV.
DATE
3-8-05
PART
No.


Similar Part No. - SCR8836

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SCR KEMET-SCR Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Hammond Manufacturing L...
SCR HAMMOND-SCR Datasheet
54Kb / 1P
Generateur dair chaud haute puissance de 550-650 W
logo
Cornell Dubilier Electr...
SCR CDE-SCR Datasheet
269Kb / 4P
Type SCRN Film-Paper/Extended Foil Commutating Capacitor
logo
Littelfuse
SCR LITTELFUSE-SCR Datasheet
515Kb / 2P
Universal Lamp Alarm Relay
2016 Rev: 1-A-062316
logo
IDEM Safety Switches
SCR IDEM-SAFETY-SCR Datasheet
1Mb / 2P
Non Contact Magnetic Safety Switches
Jun 21
More results

Similar Description - SCR8836

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5376 CIRRUS-CDB5376 Datasheet
5Mb / 78P
Multichannel Seismic Evaluation System
CDB5378 CIRRUS-CDB5378 Datasheet
3Mb / 72P
Single-channel Seismic Evaluation System
CRD5376 CIRRUS-CRD5376 Datasheet
3Mb / 68P
Multichannel Seismic Reference Design
logo
Sonardyne sound in dept...
8035 SONARDYNE-8035 Datasheet
104Kb / 2P
Small Seismic Transponder (SST)
logo
Bud Industries, Inc.
AK-8850 BUD-AK-8850 Datasheet
44Kb / 1P
SEISMIC ANCHOR KIT
logo
Texas Instruments
DAC1282 TI1-DAC1282 Datasheet
1Mb / 43P
LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
logo
Tripp Lite. All Rights ...
SR42UBZ4 TRIPPLITE-SR42UBZ4 Datasheet
517Kb / 3P
42U SmartRack Seismic-Rated Standard-Depth Rack Enclosure Cabinet with doors and side panels
logo
Bud Industries, Inc.
SCR-8836 BUD-SCR-8836 Datasheet
237Kb / 1P
1200# SEISMIC RACK
logo
Amphenol Wilcoxon Sensi...
731A-P31 WILCOXON-731A-P31 Datasheet
336Kb / 1P
Seismic accelerometer and power amplifier system
Rev.C.3 09/18
735T WILCOXON-735T Datasheet
321Kb / 1P
Seismic accelerometer with temperature sensor
Rev.D.2 08/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com