Electronic Components Datasheet Search
  English  ▼

X  

LM1267 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1267
Description  150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1267 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM1267 Datasheet HTML 5Page - National Semiconductor (TI) LM1267 Datasheet HTML 6Page - National Semiconductor (TI) LM1267 Datasheet HTML 7Page - National Semiconductor (TI) LM1267 Datasheet HTML 8Page - National Semiconductor (TI) LM1267 Datasheet HTML 9Page - National Semiconductor (TI) LM1267 Datasheet HTML 10Page - National Semiconductor (TI) LM1267 Datasheet HTML 11Page - National Semiconductor (TI) LM1267 Datasheet HTML 12Page - National Semiconductor (TI) LM1267 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Pin Descriptions (Continued)
Pin No.
Pin Name
Schematic
Description
5
6
7
Red Video In
Green Video In
Blue Video In
Video inputs. These inputs must be AC
coupled with a 4.7 nF cap. DC restoration is
done at these inputs. A series resistor of
about 33
Ω and external ESD protection
diodes should also be used for ESD
protection.
8
Analog Ground
Ground Pin for the analog circuits of the
LM1267.
9V
CC
Power supply pin for LM1267.
10
V
refRext
Sets the internal current sources through a
10 k
Ω 1% external resistor. Resistor value
and accuracy is critical for optimum
operation of the LM1267.
11
SDA
The I
2C data line. A pull-up resistor of about
2k
Ω should be connected between this pin
and +5V. A 300
Ω resistor should be
connected in series with the data line for
protection against arcing.
12
SCL
The I
2C Clock line. A pull-up resistor of
about 2 k
Ω should be connected between
this pin and +5V. A 300
Ω resistor should be
connected in series with the clock line for
protection against arcing.
13
14
15
16
DAC4
DAC3
DAC2
DAC1
DAC outputs for cathode cut-off adjustments
and brightness control. DAC 4 can be set to
change the outputs of the other three DACs,
acting as the brightness control. The DACs
are set through the I
2C bus.
17
Digital Ground
Ground Pin for the digital circuits of the
LM1267.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com