Electronic Components Datasheet Search
  English  ▼

X  

1N8255 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # 1N8255
Description  4 - 6 AMP SUBMINIATURE HYPERFAST RECOVERY RECTIFIER 100 - 200 VOLTS 30 nsec
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

1N8255 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  1N8255 Datasheet HTML 1Page - Solid States Devices, Inc 1N8255 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0169C
DOC
ELECTRICAL CHARACTERISTICS3/
SYMBOL
MAX
UNIT
Instantaneous Forward Voltage Drop
1N8255 -1N8256
IF = 0.5 A
IF = 1.0 A
IF = 3.0 A
IF = 4.0 A
IF = 6.0 A
VF1
VF2
VF3
VF4
VF5
0.700
0.810
0.865
0.875
0.925
V
Instantaneous Forward Voltage Drop
1N8257
IF = 0.5 A
IF = 1.0 A
IF = 3.0 A
IF = 4.0 A
IF = 6.0 A
VF6
VF7
VF8
VF9
VF10
0.710
0.820
0.890
0.940
1.000
V
Breakdown Voltage
IR = 100 µA, pulse < 20 ms
1N8255
1N8256
1N8257
BVR1
110
160
210
V
Breakdown Voltage
IR = 100 µA, TA = -65°C
1N8255
1N8256
1N8257
BVR2
100
150
200
V
Reverse Leakage Current
VR = VRWM, pulsed VR < 20ms
TA = +25°C
TA =+150°C
IR1
IR2
2
100
μA
Junction Capacitance
VR = 10 Vdc, f = 1MHz
1N8255 -1N8256
1N8257
CJ
50
45
pF
Maximum Reverse Recovery Time
IF = 1.0A, IRM = 1.0A, I(REC) = 0.1A
tRR
30
nsec
Maximum Forward Recovery Time
IF = 50mA
tFR
15
nsec
Package Outlines:
Axial Leaded
Surface Mount Square Tab (SMS)
DIMENSIONS (inches)
DIMENSIONS (inches)
DIM.
MIN
MAX
DIM.
__ (Standard)
A (Short Tab Version)
MIN
MAX
MIN
MAX
A
---
.092
A
.093
.100
.093
.100
B
.140
.160
B
.190
.210
.150
.165
C
.027
.031
C
.022
.028
.022
.028
D
1.00
---
D
.003
---
.003
---
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
1N8255 – 1N8257
Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com