Electronic Components Datasheet Search
  English  ▼

X  

LM4733 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4733
Description  3 Channel 30W Audio Power Amplifier with Mute
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4733 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4733 Datasheet HTML 11Page - National Semiconductor (TI) LM4733 Datasheet HTML 12Page - National Semiconductor (TI) LM4733 Datasheet HTML 13Page - National Semiconductor (TI) LM4733 Datasheet HTML 14Page - National Semiconductor (TI) LM4733 Datasheet HTML 15Page - National Semiconductor (TI) LM4733 Datasheet HTML 16Page - National Semiconductor (TI) LM4733 Datasheet HTML 17Page - National Semiconductor (TI) LM4733 Datasheet HTML 18Page - National Semiconductor (TI) LM4733 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Application Information (Continued)
SUPPLY BYPASSING
The LM4733 has excellent power supply rejection and does
not require a regulated supply. However, to improve system
performance as well as eliminate possible oscillations, the
LM4733 should have its supply leads bypassed with low-
inductance capacitors having short leads that are located
close to the package terminals. Inadequate power supply
bypassing will manifest itself by a low frequency oscillation
known as “motorboating” or by high frequency instabilities.
These instabilities can be eliminated through multiple by-
passing utilizing a large tantalum or electrolytic capacitor
(10µF or larger) which is used to absorb low frequency
variations and a small ceramic capacitor (0.1µF) to prevent
any high frequency feedback through the power supply lines.
If adequate bypassing is not provided, the current in the
supply leads which is a rectified component of the load
current may be fed back into internal circuitry. This signal
causes distortion at high frequencies requiring that the sup-
plies be bypassed at the package terminals with an electro-
lytic capacitor of 470µF or more.
BRIDGED AMPLIFIER APPLICATION
The LM4733 has three operational amplifiers internally, al-
lowing for a few different amplifier configurations. One of
these configurations is referred to as “bridged mode” and
involves driving the load differentially through two of the
LM4733’s outputs. This configuration is shown in Figure 2.
Bridged mode operation is different from the classical single-
ended amplifier configuration where one side of its load is
connected to ground.
A bridge amplifier design has a distinct advantage over the
single-ended configuration, as it provides differential drive to
the load, thus doubling output swing for a specified supply
voltage. Theoretically, four times the output power is pos-
sible as compared to a single-ended amplifier under the
same conditions. This increase in attainable output power
assumes that the amplifier is not current limited or clipped.
A direct consequence of the increased power delivered to
the load by a bridge amplifier is an increase in internal power
dissipation. For each operational amplifier in a bridge con-
figuration, the internal power dissipation will increase by a
factor of two over the single ended dissipation. Using Equa-
tion (2) the load impedance should be divided by a factor of
two to find the maximum power dissipation point for each
amplifier in a bridge configuration. In the case of an 8
Ω load
in a bridge configuration, the value used for R
L in Equation
(2) would be 4
Ω for each amplifier in the bridge. When using
two of the amplifiers of the LM4733 in bridge mode, the third
amplifier should have a load impedance equal to or higher
than the equivalent impedance seen by each of the bridged
amplifiers. In the example above where the bridge load is 8
Ω
and each amplifier in the bridge sees a load value of 4
Ω then
the third amplifier should also have a 4
Ω load impedance or
higher. Using a lower load impedance on the third amplifier
will result in higher power dissipation in the third amplifier
than the other two amplifiers and may result in unwanted
activation of thermal shut down on the third amplifier. Once
the impedance seen by each amplifier is known then Equa-
tion (2) can be used to calculated the value of P
DMAX for
each amplifier. The P
DMAX of the IC package is found by
adding up the power dissipation for each amplifier within the
IC package.
This value of P
DMAX can be used to calculate the correct size
heat sink for a bridged amplifier application. Since the inter-
nal dissipation for a given power supply and load is in-
creased by using bridged-mode, the heatsink’s
θ
SA will have
to decrease accordingly as shown by Equation 4. Refer to
the section, Determining the Correct Heat Sink, for a more
detailed discussion of proper heat sinking for a given appli-
cation.
PARALLEL AMPLIFIER APPLICATION
Parallel configuration is normally used when higher output
current is needed for driving lower impedance loads (i.e. 4
Ω
or lower) to obtain higher output power levels. As shown in
Figure 3 , the parallel amplifier configuration consist of de-
signing the amplifiers in the IC to have identical gain, con-
necting the inputs in parallel and then connecting the outputs
in parallel through a small external output resistor. Any num-
ber of amplifiers can be connected in parallel to obtain the
needed output current or to divide the power dissipation
across multiple IC packages. Ideally, each amplifier shares
the output current equally. Due to slight differences in gain
the current sharing will not be equal among all channels. If
current is not shared equally among all channels then the
power dissipation will also not be equal among all channels.
It is recommended that 0.1% tolerance resistors be used to
set the gain (R
i and Rf) for a minimal amount of difference in
current sharing.
When operating two or more amplifiers in parallel mode the
impedance seen by each amplifier is equal to the total load
impedance multiplied by the number of amplifiers driving the
load in parallel as shown by Equation (5) below:
R
L(parallel) =RL(total) x Number of amplifiers
(5)
Once the impedance seen by each amplifier in the parallel
configuration is known then Equation (2) can be used with
this calculated impedance to find the amount of power dis-
sipation for each amplifier. Total power dissipation (P
DMAX)
within an IC package is found by adding up the power
dissipation for each amplifier in the IC package. Using the
calculated P
DMAX the correct heat sink size can be deter-
mined. Refer to the section, Determining the Correct Heat
Sink, for more information and detailed discussion of proper
heat sinking.
If only two amplifiers of the LM4733 are used in parallel
mode then the third amplifier should have a load impedance
equal to or higher than the equivalent impedance seen by
each of the amplifiers in parallel mode. Having the same
load impedance on all amplifiers means that the power
dissipation in each amplifier will be equal. Using a lower load
impedance on the third amplifier will result in higher power
dissipation in the third amplifier than the other two amplifiers
and may result in unwanted activation of thermal shut down
on the third amplifier. Having a higher impedance on the third
amplifier than the equivalent impedance on the two amplifi-
ers in parallel will reduce total IC package power dissipation
reducing the heat sink size requirement.
BI-AMP AND TRI-AMP APPLICATIONS
Bi-amping is the practice of using two different amplifiers to
power the individual drivers in a speaker enclosure. For
example, a two-way speaker enclosure might have a tweeter
and a subwoofer. One amplifier would drive the tweeter and
another would drive the subwoofer. One advantage is that
the gain of each amplifier can be adjusted for the different
driver sensitivities. Another advantage is the crossover can
be designed before the amplifier stages with low cost op
amps instead of large passive components. With the cross-
over before the amplifier stages no power is wasted in the
passive crossover as each individual amplifier provides the
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com