Electronic Components Datasheet Search
  English  ▼

X  

LM4900LD Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4900LD
Description  265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4900LD Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4900LD Datasheet HTML 11Page - National Semiconductor (TI) LM4900LD Datasheet HTML 12Page - National Semiconductor (TI) LM4900LD Datasheet HTML 13Page - National Semiconductor (TI) LM4900LD Datasheet HTML 14Page - National Semiconductor (TI) LM4900LD Datasheet HTML 15Page - National Semiconductor (TI) LM4900LD Datasheet HTML 16Page - National Semiconductor (TI) LM4900LD Datasheet HTML 17Page - National Semiconductor (TI) LM4900LD Datasheet HTML 18Page - National Semiconductor (TI) LM4900LD Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Application Information (Continued)
(5)
R
F/Ri =AVD/2
(6)
From Equation 5, the minimum A
VD is 1.55; use AVD =2.
Since the desired input impedance was 20 k
Ω, and with a
A
VD of 2, a ratio of 1:1 of RF to Ri results in an allocation of
R
i =RF =20 kΩ. The final design step is to address the
bandwidth requirements which must be stated as a pair of
−3 dB frequency points. Five times away from a pole gives
0.17 dB down from passband response which is better than
the required ±0.25 dB specified.
f
L = 100Hz/5 = 20Hz
f
H = 20kHz x 5 = 100kHz
As stated in the External Components section, R
i in con-
junction with C
i create a highpass filter.
C
i ≥ 1/(2π*20 kΩ*20 Hz) = 0.397µF;
use 0.39µF
The high frequency pole is determined by the product of the
desired high frequency pole, f
H, and the differential gain,
A
VD. With a AVD = 2 and fH = 100kHz, the resulting GBWP
= 100kHz which is much smaller than the LM4900 GBWP of
25MHz. This figure displays that if a designer has a need to
design an amplifier with a higher differential gain, the
LM4900 can still be used without running into bandwidth
problems.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com