Electronic Components Datasheet Search
  English  ▼

X  

B963044 Datasheet(PDF) 2 Page - Alpha Wire

Part # B963044
Description  CUSTOMER PRODUCT SPECIFICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

B963044 Datasheet(HTML) 2 Page - Alpha Wire

  B963044 Datasheet HTML 1Page - Alpha Wire B963044 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALPHA WIRE
CUSTOMER PRODUCT SPECIFICATION
Part Number: B963044
Issue:
1
Page 2 of 2 Pages
Issue Date:
9/10/2010
Effective Date:
11/5/2010
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In
no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has
been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the
use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
6) Conductor DCR
85.28 Ω/Km @20°C, Nominal
7) OA Shield DCR
12.136 Ω/Km @20°C, Nominal
F.
Other
1) Packaging
Flange x Traverse x Barrel (inches)
a) 3280 FT
24 x 14 x 12 Continuous length
b) 1640 FT
18 x 12 x 8 Continuous length
c)
328 FT
12 x 4.5 x 3.5 Continuous length
d) 164 FT
10 x 4 x 3.5 Continuous length
[Spool dimensions may vary slightly]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com