Electronic Components Datasheet Search
  English  ▼

X  

LT3466 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3466
Description  Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3466 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3466 Datasheet HTML 10Page - Linear Technology LT3466 Datasheet HTML 11Page - Linear Technology LT3466 Datasheet HTML 12Page - Linear Technology LT3466 Datasheet HTML 13Page - Linear Technology LT3466 Datasheet HTML 14Page - Linear Technology LT3466 Datasheet HTML 15Page - Linear Technology LT3466 Datasheet HTML 16Page - Linear Technology LT3466 Datasheet HTML 17Page - Linear Technology LT3466 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT3466
3466f
TYPICAL APPLICATIO S
CTRL1
CTRL2
RT
SW1
SW2
VIN
3V TO 5V
L2
15
µH
CIN
1
µF
COUT1
1
µF
COUT2
0.47
µF
38.3k
1%
L1
15
µH
LT3466
CIN: TAIYO YUDEN JMK107BJ105
COUT1: TAIYO YUDEN LMK212BJ105
COUT2: TAIYO YUDEN EMK212BJ474
L1, L2: MURATA LQH32CN150
VOUT1
FB1
RFB1
10
Ω
RFB2
10
Ω
3466 TA01a
VOUT2
FB2
Li-Ion to 2/4 White LEDs
Conversion Efficiency
CTRL1
CTRL2
RT
SW1
SW2
VIN
3V TO 5V
L2
15
µH
CIN
1
µF
COUT1
0.47
µF
COUT2
0.47
µF
38.3k
1%
L1
15
µH
LT3466
CIN: TAIYO YUDEN JMK107BJ105
COUT1, COUT2: TAIYO YUDEN GMK212BJ474
L1, L2: MURATA LQH32CN150
VOUT1
FB1
RFB1
10
Ω
RFB2
10
Ω
3466 TA02a
VOUT2
FB2
Li-Ion to 5/5 White LEDs
Conversion Efficiency
LED CURRENT (mA)
0
70
75
85
15
3466 TA01b
65
60
510
20
55
50
80
VIN = 3.6V
2/4 LEDs
LED CURRENT (mA)
0
70
75
85
15
3466 TA02b
65
60
510
20
55
50
80
VIN = 3.6V
5/5 LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com