Electronic Components Datasheet Search
  English  ▼

X  

PPS125 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # PPS125
Description  125W Single Output with PFC Function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PPS125 Datasheet(HTML) 2 Page - Astrodyne Corporation

  PPS125 Datasheet HTML 1Page - Astrodyne Corporation PPS125 Datasheet HTML 2Page - Astrodyne Corporation PPS125 Datasheet HTML 3Page - Astrodyne Corporation PPS125 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
125W Single Output with PFC Function
PPS125 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90-264VAC / 127-370 Volts(DC)
Frequency Range
47-63 Hz
Inrush Current, typ: (cold start)
24Amps / 230VAC
Input Current
3.3Volts(DC): 1.2Amps / 115VAC; 0.6Amps / 230VAC
5Volts(DC): 1.7Amps /115VAC; 0.75 Amps / 230VAC
Leakage current
< 2mA / 240 VAC
Power Factor
PF >0.93 / 230VAC
>0.98 / 115VAC
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Line Regulation
±0.5%
Load Regulation
±1.0%
Voltage Tolerance (Note 2) ±0.2%: 3.3~15Volts(DC)
±1.0%: 24~48Volts(DC)
Ripple/Noise (Note 1)
100mVpk-pk: 3.3~15Volts (DC)
150mVpk-pk: 24~27Volts(DC)
250mVpk-pk: 48Volts(DC)
Hold Up Time @ FL
24mS @ 230VAC
24mS @ 115VAC
Setup, Rise Time @ FL
1000mS, 30mS/230VAC
2000mS. 30mS/115VAC
Over Voltage Protection
5.75~6.75Volts: 5Volts(DC) (PPS125B/C/D)
3.6~4.45Volts: 3.3Volts(DC) (PPS125A)
Hiccup mode, auto recover
Over Current Protection
130~160% rated output power
Fold back current limiting, auto-recover
DC Voltage Adjust
4.75~5.25Volts: 5Volts(DC) (PPS125B/C/D)
3.13~3.46Volts: 3.3Volts(DC) (PPS125A)
GENERAL SPECIFICATIONS
Safety
UL60950-1
TUV EN60950-1 approved
Insulation Resistance
≥ 100MΩ / 500Volts(DC) / 25°C / 70%RH
EMI
Compliance to EN55011B (CISPR11B)
Harmonic Current
Compliance to EN61000-3-2,-3
Efficiency
70% (PPS-125-3.3)
79% (PPS-125-5)
80% (PPS-125-12~15)
83% (PPS-125-24/27)
84% (PPS-125-48)
Isolation
3000VAC Input - Output
1500VAC Input - Ground
500VAC Output - Ground
EMS
Compliance to
EN61000-4-2,3,4,5,6,8,11;
ENV50204, EN55024,
light industry level, criteria A
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-20°C to +70°C (See Derate Curve)
Storage Temperature
-40°C to +85°C, 10~95% RH
Relative Humidity
20 to +90% RH
Temperature Coefficient
±0.05% / °C (0-50°C)
MTBF
111.7KHrs min, MIL-HDBK-217F (25°C)
Vibration
10~500Hz, 2G10min./1cycle, period for
60min. each along X, Y, Z axes
PHYSICAL SPECIFICATIONS
Size
Millimeters
127 x 76.2 x 34.6
Inches
5” x 3” x 1.36”
Weight
13.05 oz (370g)
NOTE
1. Ripple and Noise are measured at 20MHz of bandwidth by using a
12” twisted pair-wire terminated with a 0.1uf & 47 uf parallel capacitor.
2. Tolerance: includes set up tolerance, line regulation and load regula-
tion.
3. Heat Sink HS1,HS2 & HS3 can not be shorted.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com