Electronic Components Datasheet Search
  English  ▼

X  

PS45 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # PS45
Description  45W Single Output Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PS45 Datasheet(HTML) 1 Page - Astrodyne Corporation

  PS45 Datasheet HTML 1Page - Astrodyne Corporation PS45 Datasheet HTML 2Page - Astrodyne Corporation PS45 Datasheet HTML 3Page - Astrodyne Corporation PS45 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
45W Single Output Switching Power Supply
PS45 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Protections:Short circuit/Over load/Over voltage
Low leakage current <0.5mA
Cooling by free air convention
Fixed switching frequency at 65KHz
Model Number Output Volts
Output Amps
OVP
Min Load
DC Volt Adjust Load Reg Efficiency
SINGLE OUTPUT
PS45-3.3
3.3 Volts(DC)
8 Amps
3.8 ~ 4.46Volt(DC)
0~10.7Amps
3.14~3.63Volt(DC)
±3.0%
69%
PS45-5
5 Volts(DC)
8 Amps
5.75 ~ 6.75Volt(DC)
0~10.5Amps
4.75~5.5Volt(DC)
±3.0%
74%
PS45-7.5
7.5 Volts(DC)
5.4 Amps
8.63 ~ 10.1Volt(DC)
0~7Amps
7.13~8.25Volt(DC)
±3.0%
75%
PS45-12
12 Volts(DC)
3.7Amps
13.8 ~ 16.2Volt(DC)
0~4.4Amps
11.4~13.2Volt(DC
±2.0%
76%
PS45-13.5
13.5 Volts(DC)
3.3 Amps
15.5 ~ 18.2Volt(DC)
0~3.9Amps
12.8~14.85Volt(DC) ±2.0%
77%
PS45-15
15 Volts(DC)
3.0 Amps
17.25 ~ 20.25Volt(DC) 0~3.5Amps
14.25~16.5Volt(DC) ±2.0%
77%
PS45-24
24 Volts(DC)
1.9 Amps
27.6 ~ 32.4Volt(DC)
0~2.2Amps
22.8~26.4Volt(DC)
±2.0%
78%
PS45-27
27 Volts(DC)
1.7 Amps
31~ 36.45Volt(DC)
0~1.95Amps
25.65~29.7Volt(DC) ±2.0%
78%
PS45-48
48 Volts(DC)
1.0 Amps
55.2~ 64.8Volt(DC)
0~1.1Amps
45.6~52.8Volt(DC)
±2.0%
78%


Similar Part No. - PS45

ManufacturerPart #DatasheetDescription
logo
Bi technologies
PS45 BITECH-PS45 Datasheet
102Kb / 4P
Slide Potentiometer
logo
TT Electronics.
PS45-1 TTELEC-PS45-1 Datasheet
421Kb / 5P
Slide Potentiometer
11/2020
PS45-2 TTELEC-PS45-2 Datasheet
421Kb / 5P
Slide Potentiometer
11/2020
logo
NEC
PS4501 NEC-PS4501 Datasheet
60Kb / 2P
PHOTO INTERRUPTER
PS4502 NEC-PS4502 Datasheet
52Kb / 2P
PHOTO INTERRUPTER
More results

Similar Description - PS45

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PS-45 ASTRODYNE-PS-45 Datasheet
1Mb / 8P
45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-45 MEANWELL-PS-45 Datasheet
338Kb / 2P
45W Single Output Switching Power Supply
logo
RSG Electronic Componen...
PS-45 RSG-PS-45 Datasheet
197Kb / 2P
45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-45 MEANWELL-PS-45_11 Datasheet
341Kb / 2P
45W Single Output Switching Power Supply
PT-45_1109 MEANWELL-PT-45_1109 Datasheet
343Kb / 2P
45W Triple Output Switching Power Supply
PSD-45 MEANWELL-PSD-45_11 Datasheet
450Kb / 2P
45W DC-DC Single Output Switching Power Supply
EPS-45 MEANWELL-EPS-45_11 Datasheet
583Kb / 3P
45W Single Output Switching Power Supply
EPS-45 MEANWELL-EPS-45_12 Datasheet
1Mb / 3P
45W Single Output Switching Power Supply
EPS-45-5-C MEANWELL-EPS-45-5-C Datasheet
1Mb / 4P
45W Single Output Switching Power Supply
EPS-45S MEANWELL-EPS-45S Datasheet
96Kb / 4P
45W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com