Electronic Components Datasheet Search
  English  ▼

X  

LA150-TP Datasheet(PDF) 1 Page - LEM

Part # LA150-TP
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA150-TP Datasheet(HTML) 1 Page - LEM

  LA150-TP Datasheet HTML 1Page - LEM LA150-TP Datasheet HTML 2Page - LEM LA150-TP Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1/3
14December2012/version 3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
Current Transducer LA 150-TP
For the electronic measurement of currents: DC, AC, pulsed...,
with galvanic isolation between the primary circuit and the secondary
circuit.
Electrical data
I
PN
Primary nominal current rms
150
A
I
PM
Primary current, measuring range
0 .. ± 212
A
R
M
Measuring resistance @ 85°C
R
M min
R
M max
with ± 12 V
@ ± 150 A
max
0
40
Ω
@ ± 212 A
max
0
3
Ω
with ± 15 V
@ ± 150 A
max
0
78
Ω
@ ± 212 A
max
0
30
Ω
I
SN
Secondary nominal current rms
75
mA
K
N
Conversion ratio
1 : 2000
V
C
Supply voltage (± 5 %)
± 12 .. 15
V
I
C
Current consumption
10 (@ ± 15 V) +
I
s
mA
Accuracy - Dynamic performance data
X
Accuracy @
I
PN, TA = 25°C
< 0.5
%
ε
L
Linearity error
< 0.1
%
Typ
Max
I
OE
Electrical offset current @
I
P = 0, TA = 25°C
± 0.10
mA
I
OM
Magnetic offset current @
I
P = 0 and specified RM,
after an overload of 3 x
I
PN
± 0.25
mA
I
OT
Temperature variation of
I
O
- 40°C .. + 85°C
± 0.15 ± 0.30
mA
t
ra
Reaction time to 10 % of
I
PN step
< 300
ns
t
r
Response time 1) to 90 % of
I
PN step
< 500
ns
di/dt
di/dt accurately followed
> 100
A/µs
BW
Frequency bandwidth (- 1 dB)
DC .. 150
kHz
General data
T
A
Ambient operating temperature
- 40 .. + 85
°C
T
S
Ambient storage temperature
- 40 .. + 90
°C
R
S
Secondary coil resistance @
T
A = 25°C
64 ± 2
Ω
m
Mass
< 35
g
Standard
EN 50178: 1997
Note: 1) With a di/dt of 100 A/µs.
I
PN =
150 A
Features
● Closed loop (compensated)
current transducer using the Hall
effect
● Isolated plastic case recognized
according to UL 94-V0.
Advantages
● Excellent accuracy
● Very good linearity
● Low temperature drift
● Optimized response time
● Wide frequency bandwidth
● No insertion losses
● High immunity to external
interference
● Current overload capability.
Applications
● AC variable speed drives and
servo motor drives
● Static converters for DC motor
drives
● Battery supplied applications
● Uninterruptible Power Supplies
(UPS)
● Switched Mode Power Supplies
(SMPS)
● Power supplies for welding
applications.
Application domain
● Industrial.


Similar Part No. - LA150-TP

ManufacturerPart #DatasheetDescription
logo
LEM
LA150-P LEM-LA150-P Datasheet
26Kb / 2P
Current Transducer LA 150-P
LA150-P LEM-LA150-P Datasheet
572Kb / 2P
Current Transducer
LA150-P LEM-LA150-P_06 Datasheet
572Kb / 2P
Current Transducer
LA150-P LEM-LA150-P_12 Datasheet
225Kb / 3P
Current Transducer
More results

Similar Description - LA150-TP

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com