Electronic Components Datasheet Search
  English  ▼

X  

MAC7100EC Datasheet(PDF) 7 Page - Motorola, Inc

Part # MAC7100EC
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7100EC Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MAC7100EC Datasheet HTML 3Page - Motorola, Inc MAC7100EC Datasheet HTML 4Page - Motorola, Inc MAC7100EC Datasheet HTML 5Page - Motorola, Inc MAC7100EC Datasheet HTML 6Page - Motorola, Inc MAC7100EC Datasheet HTML 7Page - Motorola, Inc MAC7100EC Datasheet HTML 8Page - Motorola, Inc MAC7100EC Datasheet HTML 9Page - Motorola, Inc MAC7100EC Datasheet HTML 10Page - Motorola, Inc MAC7100EC Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
MOTOROLA
MAC7100 Microcontroller Family Hardware Specifications
7
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
ElectricalCharacteristics
3.5.1
Power Dissipation Simulation Details
Comments:
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
2. Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board (JESD51-3) horizontal.
3. Per JEDEC JESD51-6 with the board (JESD51-7) horizontal.
4. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top
surface of the board at the center lead. For fused lead packages, the adjacent lead is used.
5. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method 1012.1).
6. Thermal characterization parameter indicating the temperature difference between package top and junction temperature per JEDEC
JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as Psi-JT.
Table 7. Thermal Resistance for 100 lead 14x14 mm LQFP, 0.5 mm Pitch 1
1 100 LQFP, Case Outline: 983–02
Rating
Value
Unit
Comments
Junction to Ambient (Natural Convection)
Single layer board (1s)
RθJA
44
°C/W
1, 2
Junction to Ambient (Natural Convection)
Four layer board (2s2p)
RθJMA
34
°C/W
1, 3
Junction to Ambient (@ 200 ft./min.)
Single layer board (1s)
RθJMA
37
°C/W
1, 3
Junction to Ambient (@ 200 ft./min.)
Four layer board (2s2p)
RθJMA
29
°C/W
1, 3
Junction to Board
RθJB
18
°C/W
4
Junction to Case
RθJC
7°C/W
5
Junction to Package Top
Natural Convection
ΨJT
2°C/W
6
Table 8. Thermal Resistance for 112 lead 20x20 mm LQFP, 0.65 mm Pitch 1
1 112 LQFP, Case Outline: 987–01
Rating
Value
Unit
Comments
Junction to Ambient (Natural Convection)
Single layer board (1s)
RθJA
42
°C/W
1, 2
Junction to Ambient (Natural Convection)
Four layer board (2s2p)
RθJMA
34
°C/W
1, 3
Junction to Ambient (@ 200 ft./min.)
Single layer board (1s)
RθJMA
35
°C/W
1, 3
Junction to Ambient (@ 200 ft./min.)
Four layer board (2s2p)
RθJMA
30
°C/W
1, 3
Junction to Board
RθJB
22
°C/W
4
Junction to Case
RθJC
7°C/W
5
Junction to Package Top
Natural Convection
ΨJT
2°C/W
6
Table 9. Thermal Resistance for 144 lead 20x20 mm LQFP, 0.5 mm Pitch 1
1 144 LQFP, Case Outline: 918–03
Rating
Value
Unit
Comments
Junction to Ambient (Natural Convection)
Single layer board (1s)
RθJA
42
°C/W
1, 2
Junction to Ambient (Natural Convection)
Four layer board (2s2p)
RθJMA
34
°C/W
1, 3
Junction to Ambient (@ 200 ft./min.)
Single layer board (1s)
RθJMA
35
°C/W
1, 3
Junction to Ambient (@ 200 ft./min.)
Four layer board (2s2p)
RθJMA
30
°C/W
1, 3
Junction to Board
RθJB
22
°C/W
4
Junction to Case
RθJC
7°C/W
5
Junction to Package Top
Natural Convection
ΨJT
2°C/W
6
Table 10. Thermal Resistance for 208 lead 17x17 mm MAP, 1.0 mm Pitch 1
1 208 MAP BGA, Case Outline: 1159A-01
Rating
Value
Unit
Comments
Junction to Ambient (Natural Convection)
Single layer board (1s)
RθJA
46
°C/W
1, 2
Junction to Ambient (Natural Convection)
Four layer board (2s2p)
RθJMA
29
°C/W
1, 3
Junction to Ambient (@ 200 ft./min.)
Single layer board (1s)
RθJMA
38
°C/W
1, 3
Junction to Ambient (@ 200 ft./min.)
Four layer board (2s2p)
RθJMA
26
°C/W
1, 3
Junction to Board
RθJB
19
°C/W
4
Junction to Case
RθJC
7°C/W
5
Junction to Package Top
Natural Convection
ΨJT
2°C/W
6
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com