Electronic Components Datasheet Search
  English  ▼

X  

MAX3293 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3293
Description  20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3293 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3293 Datasheet HTML 2Page - Maxim Integrated Products MAX3293 Datasheet HTML 3Page - Maxim Integrated Products MAX3293 Datasheet HTML 4Page - Maxim Integrated Products MAX3293 Datasheet HTML 5Page - Maxim Integrated Products MAX3293 Datasheet HTML 6Page - Maxim Integrated Products MAX3293 Datasheet HTML 7Page - Maxim Integrated Products MAX3293 Datasheet HTML 8Page - Maxim Integrated Products MAX3293 Datasheet HTML 9Page - Maxim Integrated Products MAX3293 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
0
10
20
30
40
TEMPERATURE (°C)
-40
20
50
80
-10
110
DRIVER PROPAGATION DELAY
vs. TEMPERATURE
tPHL
tPLH
RDIFF = 54Ω
CL = 50pF
0
1
2
3
4
OUTPUT SKEW vs. TEMPERATURE
TEMPERATURE (°C)
-40
20
50
80
-10
110
DRIVER OUTPUT CURRENT
vs. DRIVER OUTPUT HIGH VOLTAGE
MAX3293-95 toc07
2V/div
OUTPUT HIGH VOLTAGE
0mA
-7V
5V
120mA
0
10
30
20
40
50
OUTPUT CURRENT
vs. DIFFERENTIAL OUTPUT VOLTAGE
DIFFERENTIAL OUTPUT VOLTAGE
(V)
1.75
2.75
2.25
2.50
2.00
3.00
3.25
3.50
1.0
2.0
2.5
3.0
3.5
TEMPERATURE (°C)
-40
20
50
80
-10
110
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs. TEMPERATURE
RDIFF = 54Ω
RDIFF = 100Ω
1.5
DRIVER OUTPUT CURRENT
vs. DRIVER OUTPUT LOW VOLTAGE
MAX3293-95 toc06
2V/div
OUTPUT LOW VOLTAGE
0mA
0V
12V
120mA
0
5
10
20
15
25
MAX3295
SUPPLY CURRENT vs. DATA RATE
DATA RATE (Mbps)
010
515
20
DE = VCC
NO LOAD
TA = +85°C
TA = +125°C
TA = +25°C
TA = -40°C
0
0.5
1.0
1.5
2.0
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
-40
20
50
80
-10
110
DE = VCC
NO LOAD
NO SWITCHING
0
1.6
1.2
0.8
0.4
2.0
TEMPERATURE (°C)
-40
20
50
80
-10
110
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
DE = GND
20Mbps, +3.3V, SOT23 RS-485/
RS-422 Transmitters
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com