Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 94 Page - Motorola, Inc

Part # M68HC08
Description  M68HC08 Family of 8-bit microcontroller units (MCUs)
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC08 Datasheet(HTML) 94 Page - Motorola, Inc

Back Button M68HC08 Datasheet HTML 90Page - Motorola, Inc M68HC08 Datasheet HTML 91Page - Motorola, Inc M68HC08 Datasheet HTML 92Page - Motorola, Inc M68HC08 Datasheet HTML 93Page - Motorola, Inc M68HC08 Datasheet HTML 94Page - Motorola, Inc M68HC08 Datasheet HTML 95Page - Motorola, Inc M68HC08 Datasheet HTML 96Page - Motorola, Inc M68HC08 Datasheet HTML 97Page - Motorola, Inc M68HC08 Datasheet HTML 98Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 410 page
background image
Analog-to-Digital Converter (ADC)
Technical Data
MC68HC908GP32•MC68HC08GP32 — Rev. 6
92
Analog-to-Digital Converter (ADC)
MOTOROLA
5.7.1 ADC Analog Power Pin (VDDAD)/ADC Voltage Reference High Pin (VREFH)
The ADC analog portion uses VDDAD as its power pin. Connect the
VDDAD pin to the same voltage potential as VDD. External filtering may
be necessary to ensure clean VDDAD for good results.
NOTE:
For maximum noise immunity, route VDDAD carefully and place bypass
capacitors as close as possible to the package.
5.7.2 ADC Analog Ground Pin (VSSAD)/ADC Voltage Reference Low Pin (VREFL)
The ADC analog portion uses VSSAD as its ground pin. Connect the
VSSAD pin to the same voltage potential as VSS.
NOTE:
Route VSSAD cleanly to avoid any offset errors.
5.7.3 ADC Voltage In (VADIN)
VADIN is the input voltage signal from one of the eight ADC channels to
the ADC module.
5.8 I/O Registers
These I/O registers control and monitor ADC operation:
•
ADC status and control register (ADSCR)
•
ADC data register (ADR)
•
ADC clock register (ADCLK)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com