Electronic Components Datasheet Search
  English  ▼

X  

MB15026 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MB15026
Description  16-bit Constant Current LED Sink Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MB15026 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MB15026 Datasheet HTML 4Page - List of Unclassifed Manufacturers MB15026 Datasheet HTML 5Page - List of Unclassifed Manufacturers MB15026 Datasheet HTML 6Page - List of Unclassifed Manufacturers MB15026 Datasheet HTML 7Page - List of Unclassifed Manufacturers MB15026 Datasheet HTML 8Page - List of Unclassifed Manufacturers MB15026 Datasheet HTML 9Page - List of Unclassifed Manufacturers MB15026 Datasheet HTML 10Page - List of Unclassifed Manufacturers MB15026 Datasheet HTML 11Page - List of Unclassifed Manufacturers MB15026 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MBI5026
16-bit Constant Current LED Sink Driver
August 2003, V0.9
- 8 -
Timing Waveform
LOW = OUTPUTS ENABLED
50%
50%
th(L)
LE
tW(CLK)
tsu(D)
th(D)
tpLH, tpHL
50%
50%
50%
50%
50%
tW(L)
SDI
CLK
SDO
50%
tsu(L)
OE
tpLH2, tpHL2
HIGH = OUTPUT OFF
50%
LOW = OUTPUT ON
tpLH1, tpHL1
OUTn
50%
50%
tpHL3
50%
50%
tpLH3
tW(OE)
90%
10%
10%
90%
tof
tor
OUTn
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com