Electronic Components Datasheet Search
  English  ▼

X  

P956LL Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # P956LL
Description  FUJITSU Desktop ESPRIMO P956/LL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

P956LL Datasheet(HTML) 2 Page - fujitsu semiconductor

  P956LL Datasheet HTML 1Page - fujitsu semiconductor P956LL Datasheet HTML 2Page - fujitsu semiconductor P956LL Datasheet HTML 3Page - fujitsu semiconductor P956LL Datasheet HTML 4Page - fujitsu semiconductor P956LL Datasheet HTML 5Page - fujitsu semiconductor P956LL Datasheet HTML 6Page - fujitsu semiconductor P956LL Datasheet HTML 7Page - fujitsu semiconductor P956LL Datasheet HTML 8Page - fujitsu semiconductor P956LL Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Data Sheet FUJITSU Desktop ESPRIMO P956/LL
Page 2 / 9
www.fujitsu.com/fts/ESPRIMO
Components
Processor
Intel® Core™ i7-6700 processor (4 Cores / 8 Threads, 3.40 GHz, up to 4.0 GHz, 8 MB, Intel® HD Graphics 530) *
Intel® Core™ i5-6600 processor (4 Cores / 4 Threads, 3.30 GHz, up to 3.9 GHz, 6 MB, Intel® HD Graphics 530) *
Intel® Core™ i5-6500 processor (4 Cores / 4 Threads, 3.20 GHz, up to 3.6 GHz, 6 MB, Intel® HD Graphics 530) *
Intel® Core™ i3-6100 processor (2 Cores / 4 Threads, 3.70 GHz, 3 MB, Intel® HD Graphics 530)
Intel® vPro™ Logo with Intel® Core i5 and Core i7 processors
*with Intel® Turbo Boost Technology (clock speed and performance will vary depending on workload and other
variables)
Intel® Smart Response Technology supported by Intel® Core™ i3, i5 and i7 processors
Operating systems
Operating system
Windows 10 Pro
Windows 10 Home
Windows 8.1 Pro
Windows 8.1
Windows 7 Professional 64-bit
Windows 7 Professional 32-bit
Operating system compatible
Windows 10 Pro (license + recovery media only)
openSUSE Linux
Microsoft OS support information
This system receives full support from Microsoft with Windows 10/Windows 10 Pro only. For any other Microsoft
OS installed, this device has limited support from Microsoft. For more information, please see Microsoft’s Support
Lifecycle FAQ.
Memory modules
4 GB (1 module(s) 4 GB) DDR4, unbuffered, non-ECC, 2,133 MHz, UDIMM
8 GB (1 module(s) 8 GB) DDR4, unbuffered, non-ECC, 2,133 MHz, UDIMM
16 GB (1 module(s) 16 GB) DDR4, unbuffered, non-ECC, 2,133 MHz, UDIMM
Hard disk drives (internal)
SSD PCIe 512 GB M.2 Highend
SSD PCIe 256 GB M.2 Highend
SSD PCIe 128 GB M.2 Highend
SSD SATA III 512GB M.2
SSD SATA III 256GB M.2
SSD SATA III 128 GB M.2
SSD SATA III, 512 GB, 2.5-inch
SSD SATA III, 256 GB, 2.5-inch
SSD SATA III, 512 GB, 2.5-inch, SED
SSD SATA III, 256 GB, 2.5-inch, SED
SSD SATA III, 128 GB, 2.5-inch, SED
SSD SATA III, 128 GB, 2.5-inch
SSHD SATA III, 7,200 rpm, 1,000 GB, 3.5-inch
SSHD SATA III, 5,400 rpm, 500 GB, 2.5-inch
HDD SATA III, 7,200 rpm, 1,000 GB, 3.5-inch, business critical
HDD SATA III, 7,200 rpm, 2,000 GB, 3.5-inch
HDD SATA III, 7,200 rpm, 1,000 GB, 3.5-inch
HDD SATA III, 7,200 rpm, 500 GB, 3.5-inch
HDD SATA II, 5,400 rpm, 500 GB, 2.5-inch*
Hard disk notes
Up to 20 GB of HDD space is reserved for system recovery
SSHD (Solid State Hard Disk, Hybrid drive)
SSD (Solid State Disk)
SED (Self-Encrypting Drive)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com