Electronic Components Datasheet Search
  English  ▼

X  

MV95308CMP Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # MV95308CMP
Description  30MHz 8-BIT CMOS VIDEO DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MV95308CMP Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  MV95308CMP Datasheet HTML 1Page - Zarlink Semiconductor Inc MV95308CMP Datasheet HTML 2Page - Zarlink Semiconductor Inc MV95308CMP Datasheet HTML 3Page - Zarlink Semiconductor Inc MV95308CMP Datasheet HTML 4Page - Zarlink Semiconductor Inc MV95308CMP Datasheet HTML 5Page - Zarlink Semiconductor Inc MV95308CMP Datasheet HTML 6Page - Zarlink Semiconductor Inc MV95308CMP Datasheet HTML 7Page - Zarlink Semiconductor Inc MV95308CMP Datasheet HTML 8Page - Zarlink Semiconductor Inc MV95308CMP Datasheet HTML 9Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
JULY 1994
DS2431-2.1
MV95308
30MHz 8-BIT CMOS VIDEO DAC
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
BLANK
VDD
STRD AC
IOUT
GND
0VERBR T
REFWHITE
9
10
12
11
RSET
CLK
MSB D 7
D6
D5
D4
SYNC
IOUT
VREF
D3
D2
D1
LSB D 0
DP20
MP20
Fig.1 Pin connections - top view
Fig.2 Block diagram of MV95308
APPLICATIONS
s Data Conversion (general)
s Computer Graphics
s Waveform Synthesis
s Consumer TV
s Instrumentation
ABSOLUTE MAXIMUM RATINGS (Reference to GND)
DC Supply Voltage, VDD
-0.3 to +7V
Digital Input Voltage
-0.3 to VDD +0.3V
Analog Output Short Circuit Duration
Indefinite
Ambient Operating Temperature
A grade
C grade
-55
°C to +125°C
0
°C to + 70°C
Storage Temperature Range
-55
°C to +125°C
The MV95308 is a CMOS 8-bit, 30MHz Digital to
Analog converter, designed for use in both video graphics
and general digital television applications.
A very low external component count has been
achieved by including the loop amplifier and reference
voltage source on chip.
The device contains a data input register and registered
video controls (BLANK, REFWHITE, OVERBRT and SYNC).
These control inputs and associated internal circuitry allows
the MV95308 to be used in video graphics systems by
providing the necessary video pedestal levels. The STRDAC
input allows the video pedestals to be disabled in
conventional DAC applications.
This device is capable of directly driving 75
Ω lines with
standard RS-343A or RS-170 video levels, using the
appropriate RSET external resistor.
Pull up resistors have been added to tie all unused
control inputs into their inactive (High) states.
FEATURES
s Low Power Consumption (180mW Typ)
s 30MHz Pipeline Operation
s
±1 LSB Differential Linearity Error
s
±1 LSB Integral Linearity Error
s RS-343A/RS-170 Compatible Levels
s On Chip Reference Voltage Source
s Guaranteed Monotonic
s Drives 75
Ω Loads Directly
s Single 5V Power Supply
ORDERING INFORMATION
MV95308 ADG (Military - Ceramic DIL Package)
MV95308 CDP (Commercial - Plastic DIL Package)
MV95308 CMP (Commercial - Miniature Plastic DIL
Package)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com