Electronic Components Datasheet Search
  English  ▼

X  

BCM43907 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # BCM43907
Description  WICED??IEEE 802.11 a/b/g/n SoC with an Embedded Applications Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM43907 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button BCM43907 Datasheet HTML 17Page - Cypress Semiconductor BCM43907 Datasheet HTML 18Page - Cypress Semiconductor BCM43907 Datasheet HTML 19Page - Cypress Semiconductor BCM43907 Datasheet HTML 20Page - Cypress Semiconductor BCM43907 Datasheet HTML 21Page - Cypress Semiconductor BCM43907 Datasheet HTML 22Page - Cypress Semiconductor BCM43907 Datasheet HTML 23Page - Cypress Semiconductor BCM43907 Datasheet HTML 24Page - Cypress Semiconductor BCM43907 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
Power Management
BCM43907 Preliminary Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
March 12, 2016 • 43907-DS104-R
Page 20
Figure 4: Typical Power Topology (Page 2 of 2)
Power Management
The BCM43907 has been designed with the stringent power consumption requirements of mobile devices in
mind. All areas of the chip design are optimized to minimize power consumption. Silicon processes and cell
libraries were chosen to reduce leakage current and supply voltages. Additionally, the BCM43907 includes an
advanced Power Management Unit (PMU) sequencer. The PMU sequencer provides significant power savings
by putting the BCM43907 into various power management states appropriate to the environment and activities
that are being performed. The power management unit enables and disables internal regulators, switches, and
other blocks based on a computation of the required resources and a table that describes the relationship
between resources and the time needed to enable and disable them. Power-up sequences are fully
programmable. Configurable, free-running counters (running at a 32.768 kHz LPO clock) in the PMU sequencer
are used to turn on and turn off individual regulators and power switches. Clock speeds are dynamically
changed (or gated altogether) as a function of the mode. Slower clock speeds are used whenever possible.
Table 1 provides descriptions for the BCM43907 power modes.
VBAT
LDO3P3
BCM43907 2.5V and 3.3V
WLRF PA(2.4 GHz and 5 GHz)
WLRF Pad (2.4 GHz and 5 GHz)
VDDIO_RF
WL OTP 3.3V
2.5V Cap-less
LNLDO
2.5V Cap-less
LNLDO
2.5V Cap-less
LNLDO
Inside WL Radio
3.3V
VCOLDO2P5
WL RF RX, TX, NMOS, Mini-PMU LDOs
WL RF VCO
WL RF CP
2.5V
2.5V
450 to
800 mA
Supply ball
Supply bump/pad
Ground ball
Ground bump/pad
External to chip
Power
switch
No power switch
No dedicated power switch, but internal power-
down modes and block-specific power switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com