Electronic Components Datasheet Search
  English  ▼

X  

MB9B360R Datasheet(PDF) 66 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 66 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 62Page - Cypress Semiconductor MB9B360R Datasheet HTML 63Page - Cypress Semiconductor MB9B360R Datasheet HTML 64Page - Cypress Semiconductor MB9B360R Datasheet HTML 65Page - Cypress Semiconductor MB9B360R Datasheet HTML 66Page - Cypress Semiconductor MB9B360R Datasheet HTML 67Page - Cypress Semiconductor MB9B360R Datasheet HTML 68Page - Cypress Semiconductor MB9B360R Datasheet HTML 69Page - Cypress Semiconductor MB9B360R Datasheet HTML 70Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 66 of 166
MB9B360R Series
List of VBAT Domain Pin Status
Function
group
VBAT
Power-on
reset
INITX
input
state
Device
internal
reset
state
Run
mode or
SLEEP
mode
state
TIMER mode,
RTC mode, or
STOP mode state
Deep standby
RTC mode or Deep
standby STOP mode
state
Return
from
Deep
standby
mode
state
VBAT
RTC
mode
state
Return
from
VBAT
RTC
mode
state
Power
supply
unstable
Power supply stable
Power
supply
stable
Power supply stable
Power supply stable
Power
supply
stable
Power
supply
stable
Power
supply
stable
‐
INITX=0
INITX=1
INITX=1
INITX=1
INITX=1
INITX=1
-
-
‐
‐
‐
‐
SPL=0
SPL=1
SPL=0
SPL=1
-
-
-
S
GPIO
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Internal
input fixed
at "0"
GPIO
selected
Internal
input fixed
at "0"
Hi-Z /
Internal
input fixed
at "0"
GPIO
selected
Setting
prohibition
-
Sub crystal
oscillator
input pin /
External
sub clock
input
selected
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Maintain
previous
state
Maintain
previous
state
T
GPIO
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Internal
input fixed
at "0"
GPIO
selected
Internal
input fixed
at "0"
Hi-Z /
Internal
input fixed
at "0"
GPIO
selected
Setting
prohibition
-
External
sub clock
input
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Internal
input fixed
at "0"
Maintain
previous
state
Hi-Z /
Internal
input fixed
at "0"
Maintain
previous
state
Maintain
previous
state
Maintain
previous
state
Sub crystal
oscillator
output pin
Hi-Z /
Internal
input fixed
at "0"/
or Input
enable
Hi-Z /
Internal
input
fixed
at "0"
Hi-Z /
Internal
input
fixed
at "0"
Maintain
previous
state
Maintain
previous
state/When
oscillation
stops*,
Hi-Z /
Internal
input fixed
at "0"
Maintain
previous
state/When
oscillation
stops*,
Hi-Z /
Internal
input fixed
at "0"
Maintain
previous
state/When
oscillation
stops*,
Hi-Z/
Internal
input fixed
at "0"
Maintain
previous
state/When
oscillation
stops*,
Hi-Z/
Internal
input fixed
at "0"
Maintain
previous
state/Whe
n
oscillation
stops*,
Hi-Z/
Internal
input fixed
at "0"
Maintain
previous
state
Maintain
previous
state
U
Resource
selected
Hi-Z
Maintain
previous
state
Maintain
previous
state
Maintain
previous
state
Maintain
previous
state
Maintain
previous
state
Maintain
previous
state
Maintain
previous
state
Maintain
previous
state
Maintain
previous
state
Maintain
previous
state
GPIO
selected
* : Oscillation is stopped at STOP mode and Deep standby STOP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com