Electronic Components Datasheet Search
  English  ▼

X  

S6E2C2 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # S6E2C2
Description  32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E2C2 Datasheet(HTML) 2 Page - Cypress Semiconductor

  S6E2C2 Datasheet HTML 1Page - Cypress Semiconductor S6E2C2 Datasheet HTML 2Page - Cypress Semiconductor S6E2C2 Datasheet HTML 3Page - Cypress Semiconductor S6E2C2 Datasheet HTML 4Page - Cypress Semiconductor S6E2C2 Datasheet HTML 5Page - Cypress Semiconductor S6E2C2 Datasheet HTML 6Page - Cypress Semiconductor S6E2C2 Datasheet HTML 7Page - Cypress Semiconductor S6E2C2 Datasheet HTML 8Page - Cypress Semiconductor S6E2C2 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 207 page
background image
Document Number: 002-05030 Rev.*A
Page 2 of 207
S6E2C2 Series
Multi-function Serial Interface (Max 16 channels)
Separate 64 byte receive and transmit FIFO buffers for
channels 0 to 7.
Operation mode is selectable for each channel from the
following:
UART
CSIO (SPI)
LIN
I
2C
UART
Full-duplex double buffer
Selection with or without parity supported
Built-in dedicated baud rate generator
External clock available as a serial clock
Various error detect functions available (parity errors,
framing errors, and overrun errors)
CSIO (SPI)
Full-duplex double buffer
Built-in dedicated baud rate generator
Overrun error detect function available
Serial chip select function (ch 6 and ch 7 only)
Supports high-speed SPI (ch 4 and ch 6 only)
Data length 5 to 16-bit
LIN
LIN protocol Rev.2.1 supported
Full-duplex double buffer
Master/slave mode supported
LIN break field generation (can change to 13- to 16-bit
length)
LIN break delimiter generation (can change to 1- to 4-bit
length)
Various error detect functions available (parity errors,
framing errors, and overrun errors)
I2C
Standard mode (Max 100 kbps)/Fast mode (Max 400 kbps)
supported
Fast mode Plus (Fm+) (Max 1000 kbps, only for ch 3 = ch A
and ch 7 = ch B) supported
DMA Controller (Eight channels)
DMA controller has an independent bus, so the CPU and DMA
controller can process simultaneously.
Eight independently configured and operated channels
Transfer can be started by software or request from the
built-in peripherals
Transfer address area: 32-bit (4 GB)
Transfer mode: Block transfer/Burst transfer/Demand
transfer
Transfer data type: bytes/half-word/word
Transfer block count: 1 to 16
Number of transfers: 1 to 65536
DSTC (Descriptor System data Transfer Controller;
256 Channels)
The DSTC can transfer data at high-speed without going via
the CPU. The DSTC adopts the descriptor system and,
following the specified contents of the descriptor that has
already been constructed on the memory, can access directly
the memory/peripheral device and perform the data-transfer
operation.
It supports the software activation, the hardware activation,
and the chain activation functions.
A/D Converter (Max 32 channels)
12-bit A/D Converter
Successive approximation type
Built-in three units
Conversion time: 0.5
μs at 5 V
Priority conversion available (priority at two levels)
Scanning conversion mode
Built-in FIFO for conversion data storage (for SCAN
conversion: 16 steps, for priority conversion: 4 steps)
D/A Converter (Max 2 Channels)
R-2R type
12-bit resolution
Base Timer (Max 16 Channels)
Operation mode is selected from the following for each
channel:
16-bit PWM timer
16-bit PPG timer
16-/32-bit reload timer
16-/32-bit PWC timer
General Purpose I/O Port
This series can use its pins as general purpose I/O ports when
they are not used for external bus or peripherals; moreover, the
port relocate function is built in. It can set the I/O port to which
the peripheral function can be allocated.
Capable of pull-up control per pin
Capable of reading pin level directly
Built-in port-relocate function
Up to 120 high-speed general-purpose I/O ports in 144 pin
package
Some pins 5V tolerant I/O.
See 4. Pin Descriptions and 5. I/O Circuit Type for the
corresponding pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com