Electronic Components Datasheet Search
  English  ▼

X  

MAC7100CVF Datasheet(PDF) 24 Page - Motorola, Inc

Part # MAC7100CVF
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7100CVF Datasheet(HTML) 24 Page - Motorola, Inc

Back Button MAC7100CVF Datasheet HTML 20Page - Motorola, Inc MAC7100CVF Datasheet HTML 21Page - Motorola, Inc MAC7100CVF Datasheet HTML 22Page - Motorola, Inc MAC7100CVF Datasheet HTML 23Page - Motorola, Inc MAC7100CVF Datasheet HTML 24Page - Motorola, Inc MAC7100CVF Datasheet HTML 25Page - Motorola, Inc MAC7100CVF Datasheet HTML 26Page - Motorola, Inc MAC7100CVF Datasheet HTML 27Page - Motorola, Inc MAC7100CVF Datasheet HTML 28Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
24
MAC7100 Microcontroller Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Electrical Characteristics
3.10.1.1 Source Resistance
Due to the input pin leakage current as specified in Table 15 in conjunction with the source resistance there
will be a voltage drop from the signal source to the ATD input. The maximum specified source resistance RS,
results in an error of less than 1/2 LSB (2.5 mV) at the maximum leakage current. If the device or operating
conditions are less than the worst case, or leakage-induced errors are acceptable, larger values of source
resistance are allowed.
3.10.1.2 Source Capacitance
When sampling, an additional internal capacitor is switched to the input. This can cause a voltage drop due
to charge sharing with the external capacitance and the pin capacitance. For a maximum sampling error of
the input voltage
≤ 1 LSB, then the external filter capacitor must be calculated as, Cf ≥ 1024 × (CINS – CINN).
3.10.1.3 Current Injection
There are two cases to consider:
1. A current is injected into the channel being converted. The channel being stressed has conversion
values of 0x3FF (0xFF in 8-bit mode) for analog inputs greater than VRH and 0x000 for values less
than VRL unless the current is higher than specified as disruptive condition.
2. Current is injected into pins in the neighborhood of the channel being converted. A portion of this
current is picked up by the channel (coupling ratio K), This additional current impacts the
accuracy of the conversion depending on the source resistance. The additional input voltage error
on the converted channel can be calculated as VERR =K × RS × IINJ, with IINJ being the sum of the
currents injected into the two pins adjacent to the converted channel.
Table 26. ATD Electrical Characteristics
Conditions are shown in Table 6 unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
P1
C Max input Source Resistance
RS
——
1
K
Ω
P2
T Total Input Capacitance
Non Sampling
Sampling
CINN
CINS
—
—
—
—
10
22
pF
pF
P3
C Disruptive Analog Input Current
INA
–2.5
—
2.5
mA
P4
C Coupling Ratio positive current injection
Kp
——
TBD
A/A
P5
C Coupling Ratio negative current injection
Kn
——
TBD
A/A
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com