Electronic Components Datasheet Search
  English  ▼

X  

OPA657U Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA657U
Description  1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA657U Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA657U Datasheet HTML 9Page - Texas Instruments OPA657U Datasheet HTML 10Page - Texas Instruments OPA657U Datasheet HTML 11Page - Texas Instruments OPA657U Datasheet HTML 12Page - Texas Instruments OPA657U Datasheet HTML 13Page - Texas Instruments OPA657U Datasheet HTML 14Page - Texas Instruments OPA657U Datasheet HTML 15Page - Texas Instruments OPA657U Datasheet HTML 16Page - Texas Instruments OPA657U Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
OPA657
13
SBOS197B
www.ti.com
OPERATING SUGGESTIONS
SETTING RESISTOR VALUES TO MINIMIZE NOISE
The OPA657 provides a very low input noise voltage while
requiring a low 14mA of quiescent current. To take full advan-
tage of this low input noise, a careful attention to the other
possible noise contributors is required. Figure 6 shows the op
amp noise analysis model with all the noise terms included. In
this model, all the noise terms are taken to be noise voltage or
current density terms in either nV/ Hz or pA/ Hz.
FREQUENCY RESPONSE CONTROL
Voltage-feedback op amps exhibit decreasing closed-loop
bandwidth as the signal gain is increased. In theory, this
relationship is described by the Gain Bandwidth Product
(GBP) shown in the specifications. Ideally, dividing GBP by
the non-inverting signal gain (also called the Noise Gain, or
NG) will predict the closed-loop bandwidth. In practice, this
only holds true when the phase margin approaches 90
°, as
it does in high-gain configurations. At low gains (increased
feedback factors), most high-speed amplifiers will exhibit a
more complex response with lower phase margin. The
OPA657 is compensated to give a maximally flat 2nd-order
Butterworth closed-loop response at a noninverting gain of
+10 (Figure 1). This results in a typical gain of +10 bandwidth
of 275MHz, far exceeding that predicted by dividing the
1600MHz GBP by 10. Increasing the gain will cause the
phase margin to approach 90
° and the bandwidth to more
closely approach the predicted value of (GBP/NG). At a gain
of +50 the OPA657 will show the 32MHz bandwidth predicted
using the simple formula and the typical GBP of 1600MHz.
Inverting operation offers some interesting opportunities to
increase the available gain-bandwidth product. When the
source impedance is matched by the gain resistor (Figure 2),
the signal gain is –(RF/RG) while the noise gain for bandwidth
purposes is (1 + RF/RG). This cuts the noise gain in half,
increasing the minimum stable gain for inverting operation
under these condition to –12 and the equivalent gain band-
width product to 3.2GHz.
DRIVING CAPACITIVE LOADS
One of the most demanding and yet very common load
conditions for an op amp is capacitive loading. Often, the
capacitive load is the input of an A/D converter — including
additional external capacitance which may be recommended
to improve A/D linearity. A high speed, high open-loop gain
amplifier like the OPA657 can be very susceptible to de-
creased stability and closed-loop response peaking when a
capacitive load is placed directly on the output pin. When the
amplifier’s open loop output resistance is considered, this
capacitive load introduces an additional pole in the signal
path that can decrease the phase margin. Several external
solutions to this problem have been suggested. When the
primary considerations are frequency response flatness, pulse
response fidelity and/or distortion, the simplest and most
effective solution is to isolate the capacitive load from the
feedback loop by inserting a series isolation resistor between
the amplifier output and the capacitive load. This does not
eliminate the pole from the loop response, but rather shifts it
and adds a zero at a higher frequency. The additional zero
acts to cancel the phase lag from the capacitive load pole,
thus increasing the phase margin and improving stability.
The total output spot noise voltage can be computed as the
square root of the squared contributing terms to the output
noise voltage. This computation is adding all the contributing
noise powers at the output by superposition, then taking the
square root to get back to a spot noise voltage. Equation 1
shows the general form for this output noise voltage using
the terms shown in Figure 7:
(1)
E
E
I
R
kTR
NG
I R
kTR NG
O
NI
BN SS
BI F
F
=+
(
) +
+
(
) +
2
2
2
2
44
Dividing this expression by the noise gain (GN = 1 + RF/RG)
will give the equivalent input referred spot noise voltage at
the non-inverting input as shown in Equation 2:
(2)
E
E
I
R
kTR
IR
NG
kTR
NG
NNI
BN SS
BI F
F
=+
(
) ++ 


+
2
2
2
4
4
Putting high resistor values into Equation 2 can quickly
dominate the total equivalent input referred noise. A source
impedance on the noninverting input of 1.6k
Ω will add a
Johnson voltage noise term equal to just that for the amplifier
itself (5nV/
Hz). While the JFET input of the OPA657 is ideal
for high source impedance applications, both the overall
bandwidth and noise may be limited by these higher source
impedances in the non-inverting configuration of Figure 1.
FIGURE 6. Op Amp Noise Analysis Model.
4kT
R
G
R
G
R
F
R
S
OPA657
I
BI
E
O
I
BN
4kT = 1.6E –20J
at 290
°K
E
RS
E
NI
√4kTR
S
√4kTR
F
*
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com