Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 14Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 15Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 16Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 17Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 18Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 19Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 20Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 21Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 192 page
background image
SECTION 2
PCI 9080
BUS OPERATION
©PLX Technology, Inc., 1997
Page 9
Version 1.02
2.2.3.2.3 Partial Lword Accesses
Lword accesses in which not all byte enables are
asserted are broken into single address and data cycles,
as listed in Table 2-9.
Table 2-9. Partial Lword Accesses
Register Value (PCI:18h)(LOC:98h)
Burst Enable
Bterm Enable
Result
(Number of Transfers)
0
0
Single Cycle (Default)
0
1
Single Cycle
1
0
Burst four Lwords at a time
1
1
Continuous Burst Mode
2.2.3.3 Recovery States
In J and S modes, PCI 9080 inserts one recovery state
between the last data transfer and next address cycle.
PCI 9080 does not support the 80960J feature of using
READYi# input to add recovery states. No additional
recovery states are added if
READYi# input remains
asserted during the last data cycle.
2.2.3.4 Local Bus Read Accesses
For all single cycle local bus read accesses, PCI 9080
reads
only
bytes
corresponding
to
byte
enables
requested by the PCI initiator. For all burst cycle single
cycle bus read accesses, PCI 9080 reads only Lwords.
2.2.3.5 Local Bus Write Accesses
For local bus writes, only the bytes specified by a PCI
bus master or PCI 9080 DMA controller are written.
Access to an 8- or 16-bit bus results in the PCI bus
Lword being broken into multiple local bus transfers. For
each transfer, the byte enables are encoded as in the
80960C to provide local address bits LA[1:0].
2.2.3.6 Direct Slave Write Accesses—8- and
16-Bit Buses
A Direct PCI access to an 8- or 16-bit bus results in the
PCI bus Lword being broken into multiple local bus
transfers. For each transfer, the byte enables are
encoded as in the 80960C to provide local address bits
LA[1:0].
2.2.3.7 Local Bus Data Parity
There is one data parity pin for each byte lane of the PCI
9080 data bus (DP[3:0]). Even data parity is generated
for each lane during local bus reads from PCI 9080 and
during PCI 9080 master writes to the local bus.
Even data parity is checked during local bus writes to
PCI 9080 and during PCI 9080 reads from the local bus.
Parity is checked for each byte lane with an asserted
byte enable. PCHK# is asserted in the clock cycle
following the data being checked if a parity error is
detected.
Generation or use of local bus data parity is optional.
The signals on data parity pins do not effect operation of
PCI 9080. PCI bus parity checking and generation is
independent of local bus parity checking and generation.
2.2.3.8 Local Bus Little/Big Endian
PCI bus is a Little Endian bus (that is, data is Lword
aligned to the lowermost byte lane). Byte 0 (address 0)
appears in AD[7:0], Byte 1 appears in AD[15:8], Byte 2
appears in AD[23:16] and Byte 3 appears in AD[31:24].
PCI 9080 local bus can be programmed to operate in Big
or Little Endian mode, as listed in Table 2-10.
Table 2-10. Big / Little Endian Program Mode
BIGEND# Pin
Register
1=Big, 0=Little
Endian
00
Big
01
Big
1
0
Little
11
Big
For Configuration cycles, refer to Table 4-36[0]. For
Direct Master, Memory, and I/O cycles, refer to Table 4-
36[1]. For Direct Slave cycles, refer to Table 4-36[2],
Space 0, and Table 4-36[3], expansion ROM.
In Big Endian mode, PCI 9080 transposes the data byte
lanes. Data is transferred as listed in Table 2-11 through
Table 2-15.
2.2.3.8.1 32 Bit Local Bus—Big Endian Mode
Data is Lword aligned to the uppermost byte lane. Byte
lanes and burst orders are listed in Table 2-11 and
illustrated in Figure 2-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com