Electronic Components Datasheet Search
  English  ▼

X  

08M2001KF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 08M2001KF
Description  NTC Thermistors, Radial Leaded and Coated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

08M2001KF Datasheet(HTML) 4 Page - Vishay Siliconix

  08M2001KF Datasheet HTML 1Page - Vishay Siliconix 08M2001KF Datasheet HTML 2Page - Vishay Siliconix 08M2001KF Datasheet HTML 3Page - Vishay Siliconix 08M2001KF Datasheet HTML 4Page - Vishay Siliconix 08M2001KF Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
T, M, C
www.vishay.com
Vishay Dale
Revision: 24-Sep-15
4
Document Number: 33003
For technical questions, contact: thermistor1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POINT MATCH TOLERANCE
The standard leaded thermistors are calibrated and tested at 25 °C to a tolerance of ± 5 % or ± 10 %; however, tighter tolerance,
point matched thermistors are readily available as are special point match temperatures to fit your application.
Since these thermistors have only one controlled point of reference (the point match temperature), the resistance at other
temperatures is given by the specific curve resistance vs. temperature ratio.
POINT MATCH TOLERANCES VS. TEMPERATURE
Fig. 1
Point match resistance tolerances at temperatures other
than 25 ºC are not the same as at the calibration
temperature. This difference is presented in figure 2.
The tolerance at any given temperature is the point match
tolerance plus a manufacturing tolerance depending on the
specific curve.
DESIGN-IN SUPPORT
A spreadsheet is available for the Vishay thermistor part numbers that gives you the resistance vs temperature data, the
temperature coefficients and accuracy levels at any given temperature range and step. The Steinhart & Hart formula and
coefficients A, B, and C are shown as well. This data can be obtained by visiting the Vishay NTC curve computation page at:
www.vishay.com/thermistors/curve-computation-list/ or send your part number with required temperature range and step to
thermistor1@vishay.com.
25 °C
NOMINAL R vs. T
MAX. R vs. T
MIN. R vs. T
PIVOT POINT
(CALIBRATION TEMPERATURE)
TEMPERATURE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com