Electronic Components Datasheet Search
  English  ▼

X  

NCP1014AP065 Datasheet(PDF) 21 Page - ON Semiconductor

Part # NCP1014AP065
Description  Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1014AP065 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button NCP1014AP065 Datasheet HTML 16Page - ON Semiconductor NCP1014AP065 Datasheet HTML 17Page - ON Semiconductor NCP1014AP065 Datasheet HTML 18Page - ON Semiconductor NCP1014AP065 Datasheet HTML 19Page - ON Semiconductor NCP1014AP065 Datasheet HTML 20Page - ON Semiconductor NCP1014AP065 Datasheet HTML 21Page - ON Semiconductor NCP1014AP065 Datasheet HTML 22Page - ON Semiconductor NCP1014AP065 Datasheet HTML 23Page - ON Semiconductor NCP1014AP065 Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
http://onsemi.com
21
A 7.0 W NCP1013−based Flyback Converter
Featuring Low Standby Power
Figure 30 depicts another typical application showing a
NCP1013−65 kHz operating in a 7.0 W converter up to
70
°C of ambient temperature. We can increase the output
power since an auxiliary winding is used, the DSS is
disabled, and thus offering more room for the MOSFET. In
this application, the feedback is made via a TLV431 whose
low bias current (100
mA min) helps to lower the no−load
standby power.
Figure 30. A Typical Converter Delivering 7.0 W from a Universal Mains
1
8
2
3
4
7
5
VCC
NC
NC
FB
GND
NC
D
Vbulk
C2
47
mF/
450 V
+
1N4148
D4
R2
3.3 k
+ C10
33
mF/25 V
R4 22
NCP1013P06
+ 100
mF/10 V
C3
C9
1 nF
C8
10 nF
400 V
R7
100 k/
1 W
D3
MUR160
T1
12 V @
0.6 A
GND
D2
MBRS360T3
+
+
100
mF/16 V
C7
+
C6 C8
470
mF/16 V
R5
39 k
R3
1 k
IC1
SFH6156−2
C4
100 nF
IC2
TLV431
R6
4.3 k
C5
2.2 nF
Y1 Type
T1
Aux
L2
22
mH
Measurements have been taken from a demonstration
board implementing the diagram in Figure 30 and the
following results were achieved, with either the auxiliary
winding in place or through the Dynamic Self−Supply:
Vin = 230 Vac, auxiliary winding, Pout = 0, Pin = 60 mW
Vin = 100 Vac, auxiliary winding, Pout = 0, Pin = 42 mW
Vin = 230 Vac, Dynamic Self−Supply, Pout = 0,
Pin = 300 mW
Vin = 100 Vac, Dynamic Self−Supply, Pout = 0,
Pin = 130 mW
Pout = 7.0 W,
h = 81% @ 230 Vac, with auxiliary winding
Pout = 7.0 W,
h = 81.3 @ 100 Vac, with auxiliary winding
For a quick evaluation of Figure 30 application example,
the following transformers are available from Coilcraft:
A9619−C, Lp = 3.0 mH, Np:Ns = 1:0.1, 7.0 W
application on universal mains, including auxiliary winding,
NCP1013−65kHz.
A0032−A, Lp = 6.0 mH, Np:Ns = 1:0.055, 10 W
application on European mains, DSS operation only,
NCP1013−65 kHz.
Coilcraft
1102 Silver Lake Road
CARY IL 60013
Email: info@coilcraft.com
Tel.: 847−639−6400
Fax.: 847−639−1469



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com