Electronic Components Datasheet Search
  English  ▼

X  

PS324 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PS324
Description  Precision, Single-Supply SPST Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS324 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PS324 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS324 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS324 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS324 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS324 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS324 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS324 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS324 Datasheet HTML 9Page - Pericom Semiconductor Corporation PS324 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
7
PS8188C
10/24/02
PS323/PS324/PS325
Precision, Single Supply SPST Analog Switches
TestCircuits/TimingDiagrams(continued)
Figure 5. Off Isolation
Figure 7. Channel-Off Capacitance
Figure 6. Crosstalk
Figure 8. Channel-On Capacitance
V+
+5V
NC
Capacitance
Meter
GND
or NO
COM
10nF
IN
0V or
2.4V
f = 1MHz
V+
+5V
NC
Analyzer
GND
or NO
COM
10nF
IN
RL
0V or
2.4V
COM
V+
+5V
Analyzer
GND
N02
COM1
10nF
IN2
RL
COM
Signal
Generator 0dBm
0V or
3.5V
COM2
IN1
N01
NC
50
ohm
0V or
2.4V
50
ohm
V+
+5V
NC
Capacitance
Meter
GND
or NO
COM
10nF
IN
0V or
2.4V
f = 1MHz
OrderingInformation
t
r
a
Pe
g
n
a
R
.
p
m
e
Te
g
a
k
c
a
P
A
P
C
3
2
3
S
P
C
º
0
7
+
o
t
C
º
0
P
I
D
c
it
s
a
l
P
8
A
S
C
3
2
3
S
PO
S
w
o
r
r
a
N
8
X
A
U
C
3
2
3
S
P8
P
O
S
M
A
P
E
3
2
3
S
P
C
º
5
8
+
o
t
C
º
0
4
–
P
I
D
c
it
s
a
l
P
8
A
S
E
3
2
3
S
PO
S
w
o
r
r
a
N
8
X
A
U
E
3
2
3
S
PP
O
S
M
8
A
P
C
4
2
3
S
P
C
º
0
7
+
o
t
C
º
0
P
I
D
c
it
s
a
l
P
8
A
S
C
4
2
3
S
PO
S
w
o
r
r
a
N
8
X
A
U
C
4
2
3
S
P8
P
O
S
M
Ω
t
r
a
Pe
g
n
a
R
.
p
m
e
Te
g
a
k
c
a
P
A
P
E
4
2
3
S
P
C
º
5
8
+
o
t
C
º
0
4
–
P
I
D
c
it
s
a
l
P
8
A
S
E
4
2
3
S
PO
S
w
o
r
r
a
N
8
X
A
U
E
4
2
3
S
PP
O
S
M
8
A
P
C
5
2
3
S
P
C
º
0
7
+
o
t
C
º
0
P
I
D
c
it
s
a
l
P
8
A
S
C
5
2
3
S
PO
S
w
o
r
r
a
N
8
X
A
U
C
5
2
3
S
PP
O
S
M
8
A
P
E
5
2
3
S
P
C
º
5
8
+
o
t
C
º
0
4
–
P
I
D
c
it
s
a
l
P
8
A
S
E
5
2
3
S
PO
S
w
o
r
r
a
N
8
X
A
U
E
5
2
3
S
PP
O
S
M
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com