Electronic Components Datasheet Search
  English  ▼

X  

PS323CSA Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PS323CSA
Description  Precision, Single-Supply SPST Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS323CSA Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PS323CSA Datasheet HTML 1Page - Pericom Semiconductor Corporation PS323CSA Datasheet HTML 2Page - Pericom Semiconductor Corporation PS323CSA Datasheet HTML 3Page - Pericom Semiconductor Corporation PS323CSA Datasheet HTML 4Page - Pericom Semiconductor Corporation PS323CSA Datasheet HTML 5Page - Pericom Semiconductor Corporation PS323CSA Datasheet HTML 6Page - Pericom Semiconductor Corporation PS323CSA Datasheet HTML 7Page - Pericom Semiconductor Corporation PS323CSA Datasheet HTML 8Page - Pericom Semiconductor Corporation PS323CSA Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
4
PS8188C
10/24/02
PS323/PS324/PS325
Precision, Single Supply SPST Analog Switches
Electrical Specifications - Single +3.3V Supply
(V+=3.3V±10%, GND=0V,VINH=2.4V,VINL=0.8V)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C)
C
°
(
p
m
e
Tn
i
M
)
1
(
p
y
T
)
2
(
x
a
M
)
1
(
s
t
i
n
U
h
c
t
i
w
S
g
o
l
a
n
A
S
g
o
l
a
n
Al
a
n
g
ie
g
n
a
R
)
3
(
V
G
O
L
A
N
A
0+
VV
e
c
n
a
t
s
i
s
e
R
-
n
OR N
O
,
V
3
=
+
V
I
M
O
C
,
A
m
1
=
V O
N
V
r
o
C
N
V
5
.
1
=
5
20
40
7m
h
o
ll
u
F0
50
8
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
T
)
3
(
t N
O
VNO r
oVNC
2
e
r
u
g
i
F
,
V
5
.
1
=
5
20
55
2
1
s
n
ll
u
F0
0
10
5
2
e
m
i
T
f
f
O
-
n
r
u
T
)
3
(
t F
F
O
5
20
35
7
ll
u
F0
60
5
1
y
a
l
e
D
e
m
i
T
e
k
a
M
-
e
r
o
f
e
B
-
k
a
e
r
B
)
3
(
tD
y
l
n
o
5
2
3
S
P5
22
5
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
Q
CL
V
,
F
n
1
=
N
E
G
,
V
0
=
R N
E
G
=
0m
h
o4
e
r
u
g
i
F
,
5
21
5
C
p
y
l
p
p
u
S
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
it
i
s
o
P+
IV
,
V
6
.
3
=
+
V
N
I
,
+
V
r
o
V
0
=
f
f
o
r
o
n
o
s
l
e
n
n
a
h
c
ll
a
ll
u
F1
–1
0
.
01
A
µ
Electrical Specifications - Single +12V Supply
(V+=12V±10%, GND=0V,VINH=4V,VINL=0.8V)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C)
C
°
(
p
m
e
Tn
i
M
)
1
(
p
y
T
)
2
(
x
a
M
)
1
(
s
t
i
n
U
h
c
t
i
w
S
g
o
l
a
n
A
S
g
o
l
a
n
Al
a
n
g
ie
g
n
a
R
)
3
(
V
G
O
L
A
N
A
0+
VV
e
c
n
a
t
s
i
s
e
R
-
n
OR N
O
V
8
.
0
1
=
+
V
I
M
O
C
,
A
m
1
=
V O
N
V
r
o
C
N
V
0
1
=
5
25
15
2m
h
o
ll
u
F0
20
4
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
T
)
3
(
t N
O
VNO r
oVNC
2
e
r
u
g
i
F
,
V
5
.
1
=
5
25
20
5
s
n
ll
u
F0
50
0
1
e
m
i
T
f
f
O
-
n
r
u
T
)
3
(
t F
F
O
5
20
20
4
ll
u
F0
45
7
y
a
l
e
D
e
m
i
T
e
k
a
M
-
e
r
o
f
e
B
-
k
a
e
r
B
)
3
(
tD
y
l
n
o
5
2
3
S
P5
22
5
n
o
i
t
c
e
j
n
I
e
g
r
a
h
C
)
3
(
Q
CL
V
,
F
n
1
=
N
E
G
,
V
0
=
R N
E
G
=
0m
h
o4
e
r
u
g
i
F
,
5
21
5
C
p
y
l
p
p
u
S
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
i
ti
s
o
P+
IV
,
V
3
1
=
+
V
N
I
,
+
V
r
o
V
0
=
f
f
o
r
o
n
o
s
l
e
n
n
a
h
c
ll
a
ll
u
F1
–1
0
.
01
A
µ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com