Electronic Components Datasheet Search
  English  ▼

X  

NHS010A Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # NHS010A
Description  INTELLIGENT POWER DEVICE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHS010A Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button NHS010A Datasheet HTML 9Page - Renesas Technology Corp NHS010A Datasheet HTML 10Page - Renesas Technology Corp NHS010A Datasheet HTML 11Page - Renesas Technology Corp NHS010A Datasheet HTML 12Page - Renesas Technology Corp NHS010A Datasheet HTML 13Page - Renesas Technology Corp NHS010A Datasheet HTML 14Page - Renesas Technology Corp NHS010A Datasheet HTML 15Page - Renesas Technology Corp NHS010A Datasheet HTML 16Page - Renesas Technology Corp NHS010A Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
PD166031AT1U
3. Specification
R07DS1308EJ0100 Rev.1.00
Page 13 of 39
Oct. 30, 2015
3.6.2 Device behavior at over voltage condition
In case of supply voltage greater than Vload dump, logic part is clamped by ZDAZ (35V min). And current through of
logic part is limited by external ground resistor. In addition, the power transistor switches off in order to protect the load
from over voltage. Permanent supply voltage than Vload dump must not be applied to VCC.
IPD
uC
RL
VCC
IS
GND
RIS
RGND
IN
SEN
OUT
RIN
RSEN
N-ch
MOSFET
logic
Internal ground
ZDAZ
ZDAZ
ZDESD
RESD
RESD
ZDESD
3.6.3 Device behavior at low voltage condition
If the voltage supply (VCC) goes down under VCC(Uv), the device outputs shuts down. If voltage supply (VCC) increase
over VCC(Cpr), the device outputs turns back on automatically. The device keeps off state after under voltage shutdown.
The IS output is cleared during off-state.
3.6.4 Loss of Ground protection
In case of complete loss of the device ground connection, but connected load ground, the device securely changes to off
if VIN was initially greater than VIH state or keeps off state if VIN was initially lower than VIL state.
In case of device loss of ground, IN and SEN terminal will/ could/ might be at VCC voltage.
VIN
IL
VCC
0
0
0
t
VOUT
VCC(Uv)
VCC(CPr)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com