Electronic Components Datasheet Search
  English  ▼

X  

NHQ010B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # NHQ010B
Description  INTELLIGENT POWER DEVICE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHQ010B Datasheet(HTML) 1 Page - Renesas Technology Corp

  NHQ010B Datasheet HTML 1Page - Renesas Technology Corp NHQ010B Datasheet HTML 2Page - Renesas Technology Corp NHQ010B Datasheet HTML 3Page - Renesas Technology Corp NHQ010B Datasheet HTML 4Page - Renesas Technology Corp NHQ010B Datasheet HTML 5Page - Renesas Technology Corp NHQ010B Datasheet HTML 6Page - Renesas Technology Corp NHQ010B Datasheet HTML 7Page - Renesas Technology Corp NHQ010B Datasheet HTML 8Page - Renesas Technology Corp NHQ010B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
R07DS1308EJ0100 Rev.1.00
Page 1 of 39
Oct. 30, 2015
Data Sheet
PD166031AT1U
INTELLIGENT POWER DEVICE
1. Overview
1.1 Description
Family:
PD166031AT1U is part of 2nd Generation Intelligent Power Devices (IPD). They are N-channel high-side switches
with charge pump, voltage controlled input, diagnostic feedback with proportional load current sense and embedded
protection function. Family includes up to 14 devices depending on on-state resistance, package and channel number
combination.
Scalability:
Variety of on-state resistance combined with standardized package on pin-out give user high flexibility for unit design
depending on target load.
Robustness:
Because of advanced protection method, 2nd Generation Intelligent Power Devices achieve high robustness against
long term and repetitive short circuit condition.
1.2 Features
Built-in charge pump
3.3V compatible logic interface
Low standby current
Short circuit protection
Shutdown by over current detection
Power limitation protection by over load detection (Power limitation: current limitation with delta Tch control)
Absolute Tch over temperature protection
Built-in diagnostic function
Proportional load current sensing
Defined fault signal in case of abnormal load condition
Loss of ground protection
Under voltage lock out
Active clamp operation at inductive load switch off
Cross current protection in case of H-bridge high side usage
AEC Qualified
RoHS compliant
1.3 Application
Light bulb switching from 55W to 65W according to on-state resistance
Switching of all types of 14V DC grounded loads, such as LED, inductor, resistor and capacitor
Power supply switch, fail-safe switch of 14V DC grounded system
Note: The information contained in this document is the one that was obtained when the document was issued,
and may be subject to change.
R07DS1308EJ0100
Rev.1.00
Oct. 30, 2015


Similar Part No. - NHQ010B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NHQ012A RENESAS-NHQ012A Datasheet
789Kb / 41P
INTELLIGENT POWER DEVICE
NHQ012B RENESAS-NHQ012B Datasheet
789Kb / 41P
INTELLIGENT POWER DEVICE
NHQ012C RENESAS-NHQ012C Datasheet
789Kb / 41P
INTELLIGENT POWER DEVICE
More results

Similar Description - NHQ010B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
INTELLIGENT POWER DEVICE
RAA2900014H12HPD RENESAS-RAA2900014H12HPD Datasheet
592Kb / 19P
INTELLIGENT POWER DEVICE
UPD166023T1J RENESAS-UPD166023T1J Datasheet
954Kb / 41P
INTELLIGENT POWER DEVICE
UPD166028T1K RENESAS-UPD166028T1K Datasheet
841Kb / 42P
INTELLIGENT POWER DEVICE
UPD166030T1K RENESAS-UPD166030T1K Datasheet
838Kb / 42P
INTELLIGENT POWER DEVICE
UPD166034T1U RENESAS-UPD166034T1U Datasheet
804Kb / 41P
INTELLIGENT POWER DEVICE
UPD166035GR RENESAS-UPD166035GR Datasheet
534Kb / 17P
INTELLIGENT POWER DEVICE
UPD166025T1J RENESAS-UPD166025T1J Datasheet
954Kb / 41P
INTELLIGENT POWER DEVICE
RAA2900024H12HPD RENESAS-RAA2900024H12HPD Datasheet
486Kb / 19P
INTELLIGENT POWER DEVICE
RAA2900034H12HPD RENESAS-RAA2900034H12HPD Datasheet
572Kb / 19P
INTELLIGENT POWER DEVICE
Feb. 28, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com