Electronic Components Datasheet Search
  English  ▼

X  

NHQ010C Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # NHQ010C
Description  INTELLIGENT POWER DEVICE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHQ010C Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button NHQ010C Datasheet HTML 25Page - Renesas Technology Corp NHQ010C Datasheet HTML 26Page - Renesas Technology Corp NHQ010C Datasheet HTML 27Page - Renesas Technology Corp NHQ010C Datasheet HTML 28Page - Renesas Technology Corp NHQ010C Datasheet HTML 29Page - Renesas Technology Corp NHQ010C Datasheet HTML 30Page - Renesas Technology Corp NHQ010C Datasheet HTML 31Page - Renesas Technology Corp NHQ010C Datasheet HTML 32Page - Renesas Technology Corp NHQ010C Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
PD166031AT1U
3. Specification
R07DS1308EJ0100 Rev.1.00
Page 29 of 39
Oct. 30, 2015
3.6.8 Nominal load
Product
Nominal load
NHS010A
2.0
3.6.9 Driving Capability
Driving Capability is specified as load impedance. Over current detection characteristics is designed above Driving
Capability characteristics. If estimated load impedance which comes from peak inrush current is lower than Driving
Capability characteristics, this means, the device does not detect inrush current as over current and does not shutdown
the output. Depend on the conditions, Power Limitation function may work during inrush current. If estimated load
impedance which comes from peak inrush current is lower than Driving Capability characteristics, Power limitation
disappear within 30ms. This parameter does not mean that the device can drive the resistive load up to Driving
Capability characteristics.
Driving Capability:
NHS010A:118m
Von [V]
IL [A]
13.5
115
5
IL(SC) characteristics
IL(SC) specified point
NHS010A: 72A
t
t
VIN
IL
30ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com