Electronic Components Datasheet Search
  English  ▼

X  

IX3180 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IX3180
Description  2.5A Maximum Peak Output Current
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX3180 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IX3180 Datasheet HTML 2Page - IXYS Corporation IX3180 Datasheet HTML 3Page - IXYS Corporation IX3180 Datasheet HTML 4Page - IXYS Corporation IX3180 Datasheet HTML 5Page - IXYS Corporation IX3180 Datasheet HTML 6Page - IXYS Corporation IX3180 Datasheet HTML 7Page - IXYS Corporation IX3180 Datasheet HTML 8Page - IXYS Corporation IX3180 Datasheet HTML 9Page - IXYS Corporation IX3180 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
INTEGRATED CIRCUITS DIVISION
6
www.ixysic.com
R02
IX3180
2. Performance Data
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I
OL vs. Temperature
(V
F(off)=-3V to 0.8V, VOUT=2.5V, VCC=10V, VEE=0V)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.00
0.05
0.10
0.15
0.20
V
OL vs. Temperature
(I
OL= 100mA, VF(off)=-3V to 0.8V, VCC=10V to 20V, VEE=0V)
Output Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-5
-4
-3
-2
-1
0
V
OH vs. IOH
(I
F=10mA, VCC=10V, VEE=0V)
T
A= -40ºC
T
A= 25ºC
T
A= 100ºC
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
I
OH vs. Temperature
(I
F=10mA, VOUT=VCC-4V, VCC=10V, VEE=0V)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.00
0.05
0.10
0.15
0.20
V
OH vs. Temperature
(I
OH= -100mA, IF=10mA to 16mA, VCC=10V to 20V, VEE=0V)
Output Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
2
3
4
5
V
OL vs. IOL
(V
F(off)=-3V to 0.8V, VCC=10V, VEE=0V)
T
A= 100ºC
T
A= 25ºC
T
A= -40ºC
V
CC (V)
10
12
14
16
18
20
22
0
1
2
3
4
Supply Current - I
CC vs. Supply Voltage - VCC
(T
A=25ºC, VEE=0V)
I
CCH (IF=10mA)
I
CCL (IF=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
1
2
3
4
I
CC vs. Temperature
(V
CC=20V, VEE=0V)
I
CCL (IF=0mA)
I
CCH (IF=10mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.5
2.0
2.5
3.0
3.5
I
F Low-to-high Threshold vs. Temperature
(V
CC=10V to 20V, VEE=0V, Output=Open)
I
F (mA)
8
10
12
14
16
18
0
50
100
150
200
250
Propagation Delay vs. I
F
(V
CC=20V, VEE=0V, RG=10Ω, CG=10nF, f=250kHz, Duty Cycle=50%)
t
PHL
t
PLH
V
CC (V)
10
15
20
25
0
50
100
150
200
250
Propagation Delay vs. V
CC
(I
F=10mA, RG=10Ω, CG=10nF, f=250kHz, Duty Cycle=50%)
t
PHL
t
PLH
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
50
100
150
200
250
t
PHL
t
PLH
Propagation Delay vs.Temperature
(I
F=10mA, VCC=20V, VEE=0V, RG=10Ω, CG=10nF, f=250kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com