Electronic Components Datasheet Search
  English  ▼

X  

PM1205 Datasheet(PDF) 1 Page - IXYS Corporation

Part # PM1205
Description  Zero-Crossing Detection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PM1205 Datasheet(HTML) 1 Page - IXYS Corporation

  PM1205 Datasheet HTML 1Page - IXYS Corporation PM1205 Datasheet HTML 2Page - IXYS Corporation PM1205 Datasheet HTML 3Page - IXYS Corporation PM1205 Datasheet HTML 4Page - IXYS Corporation PM1205 Datasheet HTML 5Page - IXYS Corporation PM1205 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
PM1205
AC Power Switch
www.ixysic.com
DS-PM1205-R10
1
Part #
Description
PM1205
6-Lead DIP (50/Tube)
PM1205S
6-Lead Surface Mount (50/Tube)
PM1205STR
6-Lead Surface Mount (1000/Reel)
Parameter
Rating
Units
AC Operating Voltage
240
V
rms
Load Current
500
mA
rms
On-State Voltage Drop
(I
L=500mArms)
1.4
V
rms
Applications
Features
Description
Ordering Information
Pin Configuration
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contactors
• Large Relays
• Solenoids
• Motors
• Heaters
• Load Current up to 0.5A
rms
• Blocking Voltages up to 500V
P
• 5mA Sensitivity
• Zero-Crossing Detection
• DC Control, AC Output
• Optically Isolated
• TTL and CMOS Compatible
• Low EMI and RFI Generation
• High Noise Immunity
• VDE compatible
• Machine Insertable, Wave Solderable
The PM1205 is an AC Solid State Switch using optical
coupling with dual power SCR outputs to produce
an alternative to optocoupler and Triac circuits. The
PM1205 switches are robust enough to provide a
blocking voltage of up to 500V
P. In addition, tightly
controlled zero-cross circuitry ensures switching of
AC loads without the generation of transients. The
input and output circuits are optically coupled to
provide 3750V
rms of isolation and noise immunity
between control and load circuits. As a result, the
PM1205 is well suited for industrial environments
where electromagnetic interference could disrupt the
operation of electromechanical relays.
Approvals
• UL Recognized Component: UL 508 File E69938
• CSA Certified Component: File 043639
ZC
1
3
2
4
5
6
AC Load
AC Load
– LED
+ LED


Similar Part No. - PM1205

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PM1205 CLARE-PM1205 Datasheet
128Kb / 5P
AC Power Switch
PM1205 CLARE-PM1205 Datasheet
120Kb / 6P
AC Power Switch
PM1205S CLARE-PM1205S Datasheet
128Kb / 5P
AC Power Switch
PM1205S CLARE-PM1205S Datasheet
120Kb / 6P
AC Power Switch
PM1205STR CLARE-PM1205STR Datasheet
128Kb / 5P
AC Power Switch
More results

Similar Description - PM1205

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3041 COSMO-KMOC3041_11 Datasheet
87Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3051H COSMO-KMOC3051H Datasheet
86Kb / 6P
Zero Crossing Optoisolators TRIAC
logo
IXYS Corporation
PM1204 IXYS-PM1204 Datasheet
113Kb / 6P
Zero-Crossing Detection
PM1206 IXYS-PM1206 Datasheet
113Kb / 6P
Zero-Crossing Detection
PS1201 IXYS-PS1201 Datasheet
97Kb / 5P
Zero-Crossing Detection
PS2401 IXYS-PS2401 Datasheet
97Kb / 5P
Zero-Crossing Detection
PS2601 IXYS-PS2601 Datasheet
97Kb / 5P
Zero-Crossing Detection
PD2401 IXYS-PD2401 Datasheet
97Kb / 5P
Zero-Crossing Detection
PD2601 IXYS-PD2601 Datasheet
97Kb / 5P
Zero-Crossing Detection
CPC1966 IXYS-CPC1966 Datasheet
112Kb / 6P
Zero-Crossing Detection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com