Electronic Components Datasheet Search
  English  ▼

X  

MF-R075 Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # MF-R075
Description  PTC Resettable Fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-R075 Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  MF-R075 Datasheet HTML 1Page - Bourns Electronic Solutions MF-R075 Datasheet HTML 2Page - Bourns Electronic Solutions MF-R075 Datasheet HTML 3Page - Bourns Electronic Solutions MF-R075 Datasheet HTML 4Page - Bourns Electronic Solutions MF-R075 Datasheet HTML 5Page - Bourns Electronic Solutions MF-R075 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IEC
EIA
Dimensions
Dimension Description
Mark
Mark
Dimensions
Tolerance
Carrier tape width
W
W
18
-0.5/+1.0
(.709)
(-0.02/+.039)
Hold down tape width
W4
11
min.
W0
(.433)
Hold down tape
No protrusion
Top distance between tape edges
W2
W6
3
max.
(.118)
Sprocket hole position
W1
W5
9
-0.5/+0.75
(.354)
(-0.02/+0.03)
Sprocket hole diameter
D0
D0
4
±0.2
(.157)
(±.0078)
Abscissa to plane (straight lead)
H
H
18.5
±3.0
(.728)
(±.118)
Abscissa to plane (kinked lead)
H0
H0
16
±0.5
(.63)
(±.02)
Abscissa to top (straight lead)
H1
H1
38.0
max.
(1.496)
Abscissa to top (kinked lead)
H1
H1
32.2
max.
(1.268)
Overall width w/lead protrusion (straight lead)
C1
55.0
max.
(2.165)
Overall width w/lead protrusion (kinked lead)
C1
43.2
max.
(1.7)
Overall width w/o lead protrusion (straight lead)
C2
54.0
max.
(2.126)
Overall width w/o lead protrusion (kinked lead)
C2
42.5
max.
(1.673)
Lead protrusion
I1
L1
1.0
max.
(.039)
Protrusion of cutout
L
L
11
max.
(.433)
Protrusion beyond hold-down tape
I2
I2
Not specified
Sprocket hole pitch
P0
P0
12.7
±0.3
(0.5)
(±.012)
Pitch tolerance
20 consecutive
±1
(±.039)
Device pitch: MF-R005–MF-R160, MF-R/90,
MF-RX110/72–MF-RX185/72
12.7
±0.3
(0.5)
(±.012)
Device pitch: MF-R185–MF-R400, MF-RX110–MF-RX375
MF-R/600, MF-RX250/72–MF-RX375/72
25.4
±0.6
(1.0)
(±.024)
Tape thickness
t
t
0.9
max.
(.035)
Tape thickness with splice: MF-R010–MF-R160,
t1
max.
MF-RX110/72–MF-RX185/72
1.5
(.059)
Tape thickness with splice: MF-R250–MF-R1100,
t1
max.
MF-RX110–MF-RX375, MF-R/90, MF-RX250/72-MF-RX375/72
2.3
(.091)
Splice sprocket hole alignment
0
±0.3
(±.012)
Body lateral deviation
Δh
Δh
0
±1.0
(±.039)
Body tape plane deviation
Δp
Δp
0
±1.3
(±.051)
MF-R, MF-R/90, MF-R/600, MF-RX, MF-RX/72 & MF-RX/250 Series
Tape and Reel Specifications
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Devices taped using EIA468–B/IEC286-2 standards. See table below and Figures 1 and 2 for details.
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com