Electronic Components Datasheet Search
  English  ▼

X  

BAS16 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAS16
Description  SMD Small Signal Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS16 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAS16_16 Datasheet HTML 1Page - Diotec Semiconductor BAS16_16 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS16, BAW56, BAV70, BAV99
BAS16, BAW56, BAV70, BAV99
SMD Small Signal Diodes
SMD Kleinsignal-Dioden
IFAV = 215 mA
VF1 < 0.715 V
Tjmax = 150°C
VRRM = 85 V
IFSM = 2 A
trr
< 4 ns
Version 2016-06-29
SOT-23
(TO-236)
Dimensions - Maße [mm]
Typical Applications
Signal processing, High-speed
Switching, Rectifying
Commercial grade 1)
Typische Anwendungen
Signalverarbeitung, Schnelles
Schalten, Gleichrichten
Standardausführung 1)
Features
Very high switching speed
Low junction capacitance
Low leakage current
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Extrem schnelles Schalten
Niedrige Sperrschichtkapazität
Niedriger Sperrstrom
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 7“
Gegurtet auf Rolle
Weight approx.
0.01 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Single
Diode
BAS16
1 = A 2 = n. c. 3 = C
Type
Code
5D
Common
Cathode
BAV70
1 = A1 2 = A2 3 = C1/C2
Type
Code
A4
Common
Anode
BAW56
1 = C1 2 = C2 3 = A1/A2
Type
Code
A1
Series
Connection
BAV99
1 = A1 2 = C2 3 = C1/A2
Type
Code
A7
Maximum ratings 2)
Grenzwerte 2)
Power dissipation (per device) − Verlustleistung (pro Bauteil)
TA = 25°C
Ptot
350 mW 3)
Maximum average forward current
Dauergrenzstrom
single diode loaded – eine Diode belastet
both diodes loaded – beide Dioden belastet
IFAV
IFAV
215 mA 3)
125 mA 3)
Repetitive peak forward current – Periodischer Spitzenstrom
IFRM
300 mA 3)
Non repetitive peak forward surge current
Stoßstrom-Grenzwert
tp ≤ 1 s
tp ≤ 1 ms
tp ≤ 1 µs
IFSM
IFSM
IFSM
0.5 A
1 A
2 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
BAS16, BAW56, BAV99
BAV70
VRRM
VRRM
85 V
100 V
Reverse voltage – Sperrspannung (dc)
VR
75 V
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
Tj = 25°C and per diode, unless otherwise specified – Tj = 25°C und pro Diode, wenn nicht anders angegeben
3
Mounted on 3 mm2 copper pads per terminal – Montage auf 3 mm2 Kupferbelag (Lötpads) je Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
1.1+0.1
0.4+0.1
2.9 ±0.1
1
2
3
Type
Code
1.9
±0.1
-0.05
-0.2
2
1
3
2
3
1
2
1
3
2
1
3


Similar Part No. - BAS16_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS16-13-F DIODES-BAS16-13-F Datasheet
127Kb / 4P
SURFACE MOUNT SWITCHING DIODE
Rev 31
logo
Chenmko Enterprise Co. ...
BAS16N1PT CHENMKO-BAS16N1PT Datasheet
78Kb / 2P
SWITCHING DIODE VOLTAGE 100 Volts CURRENT 0.15 Ampere
logo
ON Semiconductor
BAS16W1 ONSEMI-BAS16W1 Datasheet
222Kb / 6P
Ultra High Speed Switching Diodes
September, 2019 ??Rev. 1
logo
Goodwork Semiconductor ...
BAS16W1FL GWSEMI-BAS16W1FL Datasheet
173Kb / 3P
Silicon Epitaxial Planar Switching Diode
BAS16W1FL-CAR GWSEMI-BAS16W1FL-CAR Datasheet
194Kb / 3P
Silicon Epitaxial Planar Switching Diode
More results

Similar Description - BAS16_16

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAS16 DIOTEC-BAS16_17 Datasheet
194Kb / 2P
SMD Small Signal Diodes
BAS16 DIOTEC-BAS16_18 Datasheet
194Kb / 2P
SMD Small Signal Diodes
BAS16W DIOTEC-BAS16W Datasheet
191Kb / 2P
SMD Small Signal Diodes
BAS19 DIOTEC-BAS19_18 Datasheet
164Kb / 2P
SMD Small Signal Diodes
BAS31 DIOTEC-BAS31_18 Datasheet
174Kb / 2P
SMD Small Signal Diodes
BAS316WS DIOTEC-BAS316WS Datasheet
151Kb / 2P
SMD Small Signal Diodes
MCL4148 DIOTEC-MCL4148_18 Datasheet
137Kb / 2P
SMD Small Signal Diodes
BAS31 DIOTEC-BAS31_1 Datasheet
174Kb / 2P
SMD Small Signal Diodes
BAS216WT DIOTEC-BAS216WT_18 Datasheet
140Kb / 2P
SMD Small Signal Diodes
BAS21W DIOTEC-BAS21W Datasheet
159Kb / 2P
SMD Small Signal Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com