Electronic Components Datasheet Search
  English  ▼

X  

UM4611 Datasheet(PDF) 9 Page - Union Semiconductor, Inc.

Part # UM4611
Description  Multi-line ESD/EMI Protection for Color LCD Interfaces
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM4611 Datasheet(HTML) 9 Page - Union Semiconductor, Inc.

Back Button UM4611 Datasheet HTML 3Page - Union Semiconductor, Inc. UM4611 Datasheet HTML 4Page - Union Semiconductor, Inc. UM4611 Datasheet HTML 5Page - Union Semiconductor, Inc. UM4611 Datasheet HTML 6Page - Union Semiconductor, Inc. UM4611 Datasheet HTML 7Page - Union Semiconductor, Inc. UM4611 Datasheet HTML 8Page - Union Semiconductor, Inc. UM4611 Datasheet HTML 9Page - Union Semiconductor, Inc. UM4611 Datasheet HTML 10Page - Union Semiconductor, Inc. UM4611 Datasheet HTML 11Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.06 Apr.2016
9/11
UM4601/4611/8601/8611
UM8601: DFN16 4.0×1.6
Outline Drawing
PIN 1 DOT
BY MARKING
D
Top View
e
b
D2
Bottom View
Side View
(Pin #1 ID)
C'0.2×45º
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Typ
Max
Min
Typ
Max
A
0.50
-
0.80
0.020
-
0.031
A1
0.00
-
0.05
0.000
-
0.002
A3
0.203REF
0.008REF
b
0.15
-
0.30
0.006
-
0.012
D
3.924
4.00
4.076
0.154
0.157
0.160
D2
2.95
-
3.30
0.116
-
0.130
E
1.524
1.60
1.676
0.060
0.063
0.066
E2
0.30
-
0.60
0.012
-
0.024
e
0.50TYP
0.020TYP
L
0.15
-
0.38
0.006
-
0.015
Land Pattern
0.50
3.20
4.00
0.25
NOTES:
1. Compound dimension: 4.00×1.60;
2. Unit: mm;
3. General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com