Electronic Components Datasheet Search
  English  ▼

X  

STPR1020CR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPR1020CR
Description  ULTRA-FAST RECOVERY RECTIFIER DIODES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR1020CR Datasheet(HTML) 3 Page - STMicroelectronics

  STPR1020CR Datasheet HTML 1Page - STMicroelectronics STPR1020CR Datasheet HTML 2Page - STMicroelectronics STPR1020CR Datasheet HTML 3Page - STMicroelectronics STPR1020CR Datasheet HTML 4Page - STMicroelectronics STPR1020CR Datasheet HTML 5Page - STMicroelectronics STPR1020CR Datasheet HTML 6Page - STMicroelectronics STPR1020CR Datasheet HTML 7Page - STMicroelectronics STPR1020CR Datasheet HTML 8Page - STMicroelectronics STPR1020CR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STPR1020CB/CG/CT/CF/CFP/CR
3/10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5
10
15
20
25
30
35
40
45
50
IM(A)
P=2.5W
P=7.5W
P=10W
P=5W
δ
T
δ=tp/T
tp
Fig. 2: Peak current versus form factor (per diode).
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
0
1
2
3
4
5
6
7
IF(av) (A)
PF(av)(W)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
Fig. 1: Average forward power dissipation versus
average forward current (per diode).
0
25
50
75
100
125
150
0
1
2
3
4
5
6
Tamb(°C)
IF(av)(A)
Rth(j-a)=15°C/W
Rth(j-a)=Rth(j-c)
T
δ=tp/T
tp
Fig. 3-1: Average forward current versus ambient
temperature (
δ= 0.5, TO-220AB, DPAK, D2PAK).
0
25
50
75
100
125
150
0
1
2
3
4
5
6
Tamb(°C)
IF(av)(A)
Rth(j-a)=15°C/W
Rth(j-a)=Rth(j-c)
ISOWATT220AB
TO-220FP
T
δ=tp/T
tp
Fig.
3-2:
Average
forward
current
versus
ambient temperature
(δ = 0.5, ISOWATT220AB,
TO-220FPAB
).
1E-3
1E-2
1E-1
1E+0
0
10
20
30
40
50
60
70
t(s)
IM(A)
Tc=25°C
Tc=125°C
IM
t
δ=0.5
Fig. 4-1: Non repetitive surge peak forward current
versus overload duration (TO-220AB, DPAK,
D
2PAK).
1E-3
1E-2
1E-1
1E+0
0
10
20
30
40
50
60
t(s)
IM(A)
Tc=25°C
Tc=100°C
IM
t
δ=0.5
Fig. 4-2: Non repetitive surge peak forward current
versus overload duration (ISOWATT220AB).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com