Electronic Components Datasheet Search
  English  ▼

X  

TDA8924 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8924
Description  2 x 120 W class-D power amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8924 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8924 Datasheet HTML 4Page - NXP Semiconductors TDA8924 Datasheet HTML 5Page - NXP Semiconductors TDA8924 Datasheet HTML 6Page - NXP Semiconductors TDA8924 Datasheet HTML 7Page - NXP Semiconductors TDA8924 Datasheet HTML 8Page - NXP Semiconductors TDA8924 Datasheet HTML 9Page - NXP Semiconductors TDA8924 Datasheet HTML 10Page - NXP Semiconductors TDA8924 Datasheet HTML 11Page - NXP Semiconductors TDA8924 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
2003 Jul 28
8
Philips Semiconductors
Objective specification
2
× 120 W class-D power amplifier
TDA8924
In an application circuit:
• Internal oscillator: ROSC connected from pin OSC to VSS
• External oscillator: connect oscillator signal between pin
OSC and SGND; delete ROSC and COSC.
8.3
Protections
Temperature, supply voltage and short-circuit protection
sensors are included on the chip. In the event that the
maximum current or maximum temperature is exceeded
the system will shut down.
8.3.1
OVER-TEMPERATURE
If the junction temperature (Tj) exceeds 150 °C, then the
power stage will shut down immediately. The power stage
will start switching again if the temperature drops to
approximately 130
°C, thus there is a hysteresis of
approximately 20
°C.
8.3.2
SHORT-CIRCUIT ACROSS THE LOUDSPEAKER
TERMINALS AND TO SUPPLY LINES
When the loudspeaker terminals are short-circuited or if
one of the demodulated outputs of the amplifier is
short-circuited to one of the supply lines this will be
detected by the current protection. If the output current
exceeds the maximum output current of 12 A, then the
power stage will shut down within less than 1
µs and the
high-current will be switched off. In this state the
dissipation is very low. Every 100 ms the system tries to
restart again. If there is still a short-circuit across the
loudspeaker load or to one of the supply lines, the system
is switched off again as soon as the maximum current is
exceeded. The average dissipation will be low because of
this low duty cycle.
8.3.3
START-UP SAFETY TEST
During the start-up sequence, when the mode pin is
switched from standby to mute, the condition at the output
terminals of the power stage are checked. In the event of
a short-circuit at one of the output terminals to VDD or VSS
the start-up procedure is interrupted and the systems waits
for open-circuit outputs. Because the test is done before
enabling the power stages, no large currents will flow in the
event of a short-circuit. This system protects for
short-circuits at both sides of the output filter to both supply
lines. When there is a short-circuit from the power PWM
output of the power stage to one of the supply lines (before
the demodulation filter) it will also be detected by the
start-up safety test. Practical use of this test feature can be
found in detection of short-circuits on the printed-circuit
board.
Remark: This test is only operational prior to or during the
start-up sequence, and not during normal operation.
During normal operation the maximum current protection
is used to detect short-circuits across the load and with
respect to the supply lines.
8.3.4
SUPPLY VOLTAGE ALARM
If the supply voltage falls below
±12.5 V the undervoltage
protection is activated and the system shuts down
correctly. If the internal clock is used, this switch-off will be
silent and without plop noise. When the supply voltage
rises above the threshold level the system is restarted
again after 100 ms. If the supply voltage exceeds
±32 V
the overvoltage protection is activated and the power
stages shut down. They are re-enabled as soon as the
supply voltage drops below the threshold level.
It has to be stressed that the overvoltage protection only
protects against damage due to supply pumping effects;
see Section 16.7. Apart from the power stages, the rest of
the circuitry remains connected to the power supply. This
means, that the supply itself should never exceed 30 V.
An additional balance protection circuit compares the
positive (VDD) and the negative (VSS) supply voltages and
is triggered if the voltage difference between them
exceeds a certain level. This level depends on the sum of
both supply voltages. An expression for the unbalanced
threshold level is as follows: Vth(unb) ~ 0.15 × (VDD +VSS).
Example: With a symmetrical supply of
±30 V the
protection circuit will be triggered if the unbalance exceeds
approximately 9 V; see also Section 16.7.
8.4
Differential audio inputs
For a high common mode rejection ratio and a maximum
of flexibility in the application, the audio inputs are fully
differential. By connecting the inputs anti-parallel the
phase of one of the channels can be inverted, so that a
load can be connected between the two output filters.
In this case the system operates as a mono BTL amplifier
and with the same loudspeaker impedance an
approximately four times higher output power can be
obtained.
The input configuration for mono BTL application is
illustrated in Fig.5; for more information see Chapter 16.
In the stereo single-ended configuration it is also
recommended to connect the two differential inputs in
anti-phase. This has advantages for the current handling
of the power supply at low signal frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com