Electronic Components Datasheet Search
  English  ▼

X  

TDA8029C1 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8029C1
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029C1 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8029C1 Datasheet HTML 17Page - NXP Semiconductors TDA8029C1 Datasheet HTML 18Page - NXP Semiconductors TDA8029C1 Datasheet HTML 19Page - NXP Semiconductors TDA8029C1 Datasheet HTML 20Page - NXP Semiconductors TDA8029C1 Datasheet HTML 21Page - NXP Semiconductors TDA8029C1 Datasheet HTML 22Page - NXP Semiconductors TDA8029C1 Datasheet HTML 23Page - NXP Semiconductors TDA8029C1 Datasheet HTML 24Page - NXP Semiconductors TDA8029C1 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
2003 Oct 30
21
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
handbook, full pagewidth
MDB816
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
SMOD1
SMOD0
0 : SCON.7 = SM0
1 : SCON.7 = FE
-
POF
GF1
GF0
PD
IDL
SCON
(98h)
PCON
(87h)
Set FE bit if STOP bit is 0 (framing error)
SM0 to UART mode control
D0
D1
D2
D3
D4
D5
D6
D7
D8
START
bit
DATA byte
only
in
MODE 2, 3
STOP
bit
Fig.6 UART framing error detection.
handbook, full pagewidth
MDB817
SM0
SM1
SM2
REN
TB8
11
1
1
X
10
COMPARATOR
RB8
TI
RI
SCON
(98h)
D0
D1
D2
D3
D4
D5
D6
D7
D8
received address D0 to D7
programmed address
Fig.7 UART multiprocessor communication, automatic address recognition.
UART modes 2 or 3 and SM2 = 1: there is an interrupt if REN = 1, RB8 = 1 and received address is equal to programmed address.
When own address is received, reset SM2 to receive the data bytes. When all data bytes are received, set SM2 to wait for the next address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com